Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 37 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 37 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 33Page - STMicroelectronics SABRE-LL-I Datasheet HTML 34Page - STMicroelectronics SABRE-LL-I Datasheet HTML 35Page - STMicroelectronics SABRE-LL-I Datasheet HTML 36Page - STMicroelectronics SABRE-LL-I Datasheet HTML 37Page - STMicroelectronics SABRE-LL-I Datasheet HTML 38Page - STMicroelectronics SABRE-LL-I Datasheet HTML 39Page - STMicroelectronics SABRE-LL-I Datasheet HTML 40Page - STMicroelectronics SABRE-LL-I Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 141 page
background image
SABRE-LL-I
Linear main regulator
37/141
IoutLinMax
Maximum Output
current
Regulated voltage =
Vsupply-2V
10
mA
Ishort
Output short
circuit current
VLINmain_OUT =0V,
VLINmain_FB =0V
12
24
mA
∆V
out/Vo
Load regulation
0
≤ I
load ≤ IoutLinMax
(2)
0.8
%
∆V
out/∆VSupply
Line regulation
Iload =10mA
(2)
0.2
%
Vloop_acc
Loop voltage accuracy
±2.5
%
VuvFall
Under voltage
falling threshold
(3)
84.5
87
89.5
%
VuvRise
Under voltage
rising threshold
(3)
90.5
93
95.5
%
Vuvhys
Under voltage
hysteresis
(3)
6%
tprim_uv
Under voltage
deglitch filter
5us
CC
Compensation
capacitance
VLINmain_OUT =0.8V
0.8V<VLINmain_OUT < 2.5V
2.5V=VLINmain_OUT ≤ 5V
VLINmain_OUT > 5V
1
0.68
0.33
0.1
µF
1.
The external components connected to the pin must be chosen to avoid that the voltage exceeds this
operative range.
2.
Load regulation is calculated at a fixed junction temperature using short load pulses covering all the load
current range. This is to avoid change on output voltage due to heating effect.
3.
Undervoltage rising and falling thresholds are intended as a percentage of feedback pin voltage
(VLINmain_Ref).
Table 17.
System linear regulator operating specifications (continued)
Parameter
Description
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com