Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 65 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 65 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 61Page - STMicroelectronics SABRE-LL-I Datasheet HTML 62Page - STMicroelectronics SABRE-LL-I Datasheet HTML 63Page - STMicroelectronics SABRE-LL-I Datasheet HTML 64Page - STMicroelectronics SABRE-LL-I Datasheet HTML 65Page - STMicroelectronics SABRE-LL-I Datasheet HTML 66Page - STMicroelectronics SABRE-LL-I Datasheet HTML 67Page - STMicroelectronics SABRE-LL-I Datasheet HTML 68Page - STMicroelectronics SABRE-LL-I Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 141 page
background image
SABRE-LL-I
Power bridges
65/141
Here after are summarized the primary features of the regulator(s):
–
Synchronous rectification
–
Automatic low side disabling when current in the inductance reaches 0 to optimize
efficiency at low load
–
Pulse skipping control
–
Internally generated PWM
–
Cycle by cycle current limiting using internal current sensor
–
Protected against load short circuit
–
Soft start circuitry
–
Under voltage signal (both continuous and latched) accessible through serial
interface.
Figure 17.
Regulator block diagram
Depending on the load current, there could be the necessity to add a Schottky diode on
output to reduce internal thermal dissipation. This diode must be placed near to the pin and
must be fast recovery and low series resistance type.
For detail about pulse skipping please refer to main switching regulator paragraph.
The output voltage will be externally set by a divider network connected on feedback pin. To
reduce as much as possible the regulation voltage error S.A.B.Re has the possibility to
switch between four regulator feedback voltage references (and, as a consequence, four
under-voltage thresholds) using serial interface. The feedback reference voltage is selected
Vout
La
Vsupply
Half Bridge OUT
C
High Side
Driver
Control
Logic
CurrentSense
Charge pump Voltage
GPIO USED as FB
Voltage
Loop Control
Regulator Ref
-
+
Under voltage
Threshold
Filter
Ra
Rb
Low Side
Driver
From Central Logic
Regulator Freq
-
+
To Central Logic
Obtained using spare analog
/digital blocks
BridgeSense
Vref= 0.8V
N.C.
N.C.
Vref=3V
SelFBRef



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com