Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 35 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 35 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 31Page - STMicroelectronics SABRE-LL-I Datasheet HTML 32Page - STMicroelectronics SABRE-LL-I Datasheet HTML 33Page - STMicroelectronics SABRE-LL-I Datasheet HTML 34Page - STMicroelectronics SABRE-LL-I Datasheet HTML 35Page - STMicroelectronics SABRE-LL-I Datasheet HTML 36Page - STMicroelectronics SABRE-LL-I Datasheet HTML 37Page - STMicroelectronics SABRE-LL-I Datasheet HTML 38Page - STMicroelectronics SABRE-LL-I Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 141 page
background image
SABRE-LL-I
Linear main regulator
35/141
11
Linear main regulator
11.1
Overview
The linear main regulator is directly powered by VSupply voltage and it is one of the
regulators that S.A.B.Re could consider as a system regulator. This means that the voltage
generated by this regulator is not used to power any internal circuit, but S.A.B.Re will check
that the feedback voltage VLINmain_FB is in the good value range before enabling all its
internal functions. When an under-voltage event (with a duration longer than period
Tlinear_uv defined by the deglitch filter) is detected during normal operation, S.A.B.Re will
enter in reset state and it will signal this event to the microcontroller by pulling low the
nRESET pin and disabling most of its internal blocks.
Here are summarized the primary features of the regulator:
–
Regulated output voltage from 0.8V to VSupply-2V with a maximum load of 10mA.
–
Band gap generated internal reference voltage.
–
Short circuit protected (output current is clamped to 22mA typ).
–
Under voltage signal (both continuous and latched) accessible through serial
interface.
–
Low power dissipation mode.
The internal series element is a P-channel MOS device. The voltage regulator will regulate
its output so that feedback pin equals VLINmain_FB, therefore the regulated voltage can be
calculated using the formula:
VLINmain_OUT = VLINmain_ref *(Ra+Rb)/Rb
Figure 7.
Linear main regulator
To extend the output current capability this regulator can be used as a controller for an
external active component able to provide higher current (i.e. a Darlington device); the
external power element allows the handling of an higher current since it dissipates the
VLINmain_ref
Cc
Ra
Rb
+
-
Body Diode
Vsupply
VLINmain_OUT
VLINmain_FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com