Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 56 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 56 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 52Page - STMicroelectronics SABRE-LL-I Datasheet HTML 53Page - STMicroelectronics SABRE-LL-I Datasheet HTML 54Page - STMicroelectronics SABRE-LL-I Datasheet HTML 55Page - STMicroelectronics SABRE-LL-I Datasheet HTML 56Page - STMicroelectronics SABRE-LL-I Datasheet HTML 57Page - STMicroelectronics SABRE-LL-I Datasheet HTML 58Page - STMicroelectronics SABRE-LL-I Datasheet HTML 59Page - STMicroelectronics SABRE-LL-I Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 141 page
background image
Power bridges
SABRE-LL-I
56/141
increase. Mixed decay mode is a selectable mix of the previous two modes (fast decay
followed by slow decay) and allows the user to find the best trade off between load current
ripple and fast current levels transition. Additionally, by setting the
SeqMixedOnlyInDecreasingPh bit in the StpCfg1 register, the user can choose to apply the
fast decay percentage in mixed mode always or only when the current is decreasing (i.e
from 90° to 180° and from 270° to 360° of the sinusoidal wave).
By using SPI interface the user can choose:
●
Control type (external firmware control, half step, normal drive, wave drive, micro-step).
●
Up to 16 current levels (quasi-sinusoidal increments) for each bridge.
●
Current direction.
●
Decay mode.
●
Blanking time.
●
Off time (32 values from 2µs to 64µs).
●
Percentage of fast decay respect to toff (when in mixed decay mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com