Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 55 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 55 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 51Page - STMicroelectronics SABRE-LL-I Datasheet HTML 52Page - STMicroelectronics SABRE-LL-I Datasheet HTML 53Page - STMicroelectronics SABRE-LL-I Datasheet HTML 54Page - STMicroelectronics SABRE-LL-I Datasheet HTML 55Page - STMicroelectronics SABRE-LL-I Datasheet HTML 56Page - STMicroelectronics SABRE-LL-I Datasheet HTML 57Page - STMicroelectronics SABRE-LL-I Datasheet HTML 58Page - STMicroelectronics SABRE-LL-I Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 141 page
background image
SABRE-LL-I
Power bridges
55/141
14.3.4
Switch configuration
Each bridge can be configured to be used as 2 independent switches that connects the
output to supply or to ground. It is also possible to parallel the two switches and use them as
a single super switch.
All resulting switches will behave according to the following truth table.
Note: When “Low Power mode” bit is active the bridge will reduce its biasing thus contributing to the whole
power saving.
When a current limit event occurs this event will be latched and the bridge will remain in high impedance
state for the toff time.
14.3.5
Bipolar stepper configuration
The bridges 3 and 4 can be configured to be used as a micro-stepping, bidirectional driver
for bipolar stepper motors.
The primary features of the driver are the following:
–
Internal PWM current control.
–
Micro stepping.
–
Fast, mixed and slow current decay modes.
Each H-bridge is controlled with a fixed and selectable off-time PWM current-control circuit
that limits the load current to a value set by choosing VSTEPREF voltage by means of the
internal DAC and an the external RSENSE value.
The max current level could be calculated using the formula:
IMAX=VSTEPREF/RSENSE
To obtain the best current profile, the user can choose three different current decay modes:
slow, fast and mixed. Initially, during Ton, a diagonal pair of source and sink power MOS is
enabled and current flows through the motor winding and the sense resistor. When the
voltage across the sense resistor reaches the programmed DAC output voltage, the control
logic will change the status of the bridge according to the selected decay mode (slow, fast or
mixed). In slow decay mode the current is recirculated through the path including both high
side power MOS for the whole toff time. In fast decay mode the current is recirculated
through the high and low side power MOS opposite respect to those forcing current to
Table 34.
Switch truth
TSD
nReset
Low
power
mode
Enable
Current
limit
MtrXCtrl
SideA/B
PWM
OUT
1
X
XXXX
X
Z
0
0
XXXX
X
Z
0
1
1
XXX
X
Z
0
100
X
X
X
Z
0
1010
0
X
Z
0
1010
101
0
1010
110
0
1011
X
X
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com