Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 70 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 70 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 66Page - STMicroelectronics SABRE-LL-I Datasheet HTML 67Page - STMicroelectronics SABRE-LL-I Datasheet HTML 68Page - STMicroelectronics SABRE-LL-I Datasheet HTML 69Page - STMicroelectronics SABRE-LL-I Datasheet HTML 70Page - STMicroelectronics SABRE-LL-I Datasheet HTML 71Page - STMicroelectronics SABRE-LL-I Datasheet HTML 72Page - STMicroelectronics SABRE-LL-I Datasheet HTML 73Page - STMicroelectronics SABRE-LL-I Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 141 page
background image
Power bridges
SABRE-LL-I
70/141
Adjustable reference voltages values can be changed using a metal layer change in order to
adapt them to customer system.
Regardless of the CurrRef voltage, if the IREF_FB pin remains below the chosen threshold,
the internal current limitation will work (see DC motor paragraph, Bridge4 Ilimit).
Battery charge profile
The battery charge profile can be chosen by fixing the desired CurrRef and FBRef internal
reference voltages and by choosing the desired V=f(I) trans-characteristic of the external
differential amplifier.
The following is a typical Li-Ion battery charge profile:
Figure 20.
Li-ion battery charge profile
Table 48.
Battery charger control loop CurrRef specification
Aux3SwCfg1
Reference voltage (CurrRef)
Comments
SelCurrRef[1] SelCurrRef[0]
Min
Typ
Max
Unit
0
0
0.873
0.900
0.927
V
Default state
0
1
1.394
1.437
1.480
V
1
0
1.746
1.8
1.854
V
1
1
2.182
2.25
2.318
V
Rapid charge
phase
Time
Voltage or Current
Blue=Battery Voltage
Red=Battery Current
FBRef depending
CurrRef depending
End Of Charge
Precharge
phase
Ichrg
Iprechrg
Vchrg
Veochrg
Ieochrg
Constant V.
phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com