Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 84 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 84 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 80Page - STMicroelectronics SABRE-LL-I Datasheet HTML 81Page - STMicroelectronics SABRE-LL-I Datasheet HTML 82Page - STMicroelectronics SABRE-LL-I Datasheet HTML 83Page - STMicroelectronics SABRE-LL-I Datasheet HTML 84Page - STMicroelectronics SABRE-LL-I Datasheet HTML 85Page - STMicroelectronics SABRE-LL-I Datasheet HTML 86Page - STMicroelectronics SABRE-LL-I Datasheet HTML 87Page - STMicroelectronics SABRE-LL-I Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 141 page
background image
Operational amplifiers
SABRE-LL-I
84/141
17.2
Operational amplifiers specifications
Table 60.
Configurable 3.3V operational amplifier specification
(Note: VGPIO_SPI=3.3V unless otherwise specified)
Parameter
Description
Test condition
Min
Typ
Max
Unit
VGPIO_SPI
Supply voltage range
3.15
3.45
V
VICM
Input common mode
voltage range
0
VGPIO_SP
I
V
VOUT_MAX Output voltage
Iload =± 1mA
0.1
3.2
V
VOp1PlusRef
Operational amplifier 1
reference voltage
Op1Ref[1:0]=00
Op1Ref[1:0]=01
Op1Ref[1:0]=10
Op1Ref[1:0]=11
0.970
1.600
1.940
2.425
1
1.65
2
2.5
1.030
1.700
2.060
2.575
V
VOp1PlusRef
Operational amplifier 2
reference voltage
Op2Ref[1:0]=00
Op2Ref[1:0]=01
Op2Ref[1:0]=10
Op2Ref[1:0]=11
0.970
1.600
1.940
2.425
1
1.65
2
2.05
1.030
1.700
2.060
2.575
V
Open loop gain
VICM=1.65V
Iload= 0mA
90
dB
CMRR
Common mode
rejection ratio
105
dB
PSRR
Iload= ±6mA
VICM=1.65V
(1)
1.
VICM is the input common mode voltage.
90
dB
I in _offs
Input offset current
150
nA
I in _bias
Input bias current
500
nA
V in _offs
Input offset voltage
-5
5
mV
GBWP
Gain bandwidth
product
Cload=100pF VICM=1.65V
Rload=330 Ohm to VGPIO_SPI
2MHz
Iout
Output current
Vout=1.65V
10
mA
Ishort_max
Short circuit current
12
20
mA
Slew
Slew rate
Iload= 0
CLOAD=100pF
1.3
1.75
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com