Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 15 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 11Page - STMicroelectronics SABRE-LL-I Datasheet HTML 12Page - STMicroelectronics SABRE-LL-I Datasheet HTML 13Page - STMicroelectronics SABRE-LL-I Datasheet HTML 14Page - STMicroelectronics SABRE-LL-I Datasheet HTML 15Page - STMicroelectronics SABRE-LL-I Datasheet HTML 16Page - STMicroelectronics SABRE-LL-I Datasheet HTML 17Page - STMicroelectronics SABRE-LL-I Datasheet HTML 18Page - STMicroelectronics SABRE-LL-I Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 141 page
background image
SABRE-LL-I
Global specifications
15/141
3
Global specifications
3.1
Absolute maximum rating specifications
The following specifications define the maximum range of voltages or currents for S.A.B.Re.
Stresses above these absolute maximum specifications may cause permanent damage to
the device.
Exposure to absolute maximum ratings for extended periods may affect device reliability.
3.2
Operating ratings specifications
Table 2.
Absolute maximum rating
Parameter
Description
Test
condition
Min
Max
Unit
VSupply_Abs
VSupply voltage
40
V
VGPIO_SPI_Abs
VGPIO_SPI voltage
3.9
V
V3V3pin_Abs
3.3V pins input voltage
3.9
V
VSw_Abs
Switching regulators output pin voltage
range
-1
VSupply
V
VSw_pulse
Switching regulators min pulsed
voltage
For less than
500ns
-3
V
VPump_Abs
Charge pump pins voltage
(1)
1.
This value is useful to define the voltage rating for external capacitor to be connected from VPump to
VSupply. VPump is internally generated and can never be supplied by external voltage source nor is intended
to provide voltage to external loads.
15
V
Tj_Abs
Junction temperature(2)
2.
TSD is the thermal shut down temperature of the device.
Storage
-40
190
°C
Operating
0
TSD
°C
Table 3.
IC operating ratings
Parameter
Description
Test
condition
Min
Max
Unit
VSupply_Op
VSupply voltage range
23
38
V
ISupply_Op
VSupply operative current
(1)
1.
Operating Supply current is measured with System regulators operating but not loaded.
15
mA
IShut_down
VSupply shut down state current
1.5
mA
VGPIO_SPI_OP
VGPIO_SPI voltage range
2.4
3.6
V
IVGPIO_SPI_OP
VGPIO_SPI operative current
(2)
2.
Operating VGPIO_SPI current is measured with all circuits supplied by VGPIO_SPI (GPIO’s, operational
amplifiers and pass switches) enabled but not loaded.
TBD
mA
V3v3pin_Op
3.3V input pins voltage range
-0.3
3.6
V
Tj_Abs
Junction temperature
Operating
0
125.
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com