Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 12 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 8Page - STMicroelectronics SABRE-LL-I Datasheet HTML 9Page - STMicroelectronics SABRE-LL-I Datasheet HTML 10Page - STMicroelectronics SABRE-LL-I Datasheet HTML 11Page - STMicroelectronics SABRE-LL-I Datasheet HTML 12Page - STMicroelectronics SABRE-LL-I Datasheet HTML 13Page - STMicroelectronics SABRE-LL-I Datasheet HTML 14Page - STMicroelectronics SABRE-LL-I Datasheet HTML 15Page - STMicroelectronics SABRE-LL-I Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 141 page
background image
General description
SABRE-LL-I
12/141
1
General description
1.1
Overview
S.A.B.Re represents a new concept of IC in motion & power supply field.
The aim that ST followed in defining S.A.B.Re specification was to offer to the customer an
IC with a wide number of features: motor drivers, regulators, high precision A/D converter,
operational amplifiers, voltage comparators and many other circuits can easily be
configured and customized. The device configuration can be defined by programming the IC
via the Serial Interface while a deeper customization can be done through metal layer in
order to set more complex functions.
Figure 1.
Block diagram
Note:
See following “S.A.B.Re’s Main features” for a detailed description of possible
configurations.
GPIOs
Bridge 2
Bridge 3
Bridge 4
Bridge 1
S/H
S
SA
A B
BR
Re
e
Rsense
Rsense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com