Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 38 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 38 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 34Page - STMicroelectronics SABRE-LL-I Datasheet HTML 35Page - STMicroelectronics SABRE-LL-I Datasheet HTML 36Page - STMicroelectronics SABRE-LL-I Datasheet HTML 37Page - STMicroelectronics SABRE-LL-I Datasheet HTML 38Page - STMicroelectronics SABRE-LL-I Datasheet HTML 39Page - STMicroelectronics SABRE-LL-I Datasheet HTML 40Page - STMicroelectronics SABRE-LL-I Datasheet HTML 41Page - STMicroelectronics SABRE-LL-I Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 141 page
background image
Main switching regulator
SABRE-LL-I
38/141
12
Main switching regulator
12.1
Overview
Main switching regulator is an asynchronous switching regulator intended to be the source
of the main voltage in the system. It implements a soft start strategy and could be a system
regulator so even if its output voltage VMAIN_SW is not used to power any internal circuit,
S.A.B.Re will check that it is in the good value range before enabling all its internal
functions. When S.A.B.Re detects a system regulator under-voltage event with a duration
longer than the period defined by the deglitch filter (Tprim_uv), it will enter in reset state
signaling this event to the microcontroller by pulling low the nRESET pin and disabling most
of its internal block (e.g. bridges, GPIOs, …).
The output voltage will be externally set by a divider network connected to feedback pin. To
reduce as much as possible the regulation voltage error S.A.B.Re has the possibility to
choose between four feedback voltage references (and, as a consequence, four under-
voltage thresholds) using the serial interface. The feedback reference voltage selection is
made by writing the SelFBRef bits in the MainSwCfg register according to the table here
below:
Reference voltage range can be changed by using a metal layer change in order to adapt
them to customer system.
Here after are summarized the primary features of this regulator:
–
Internal power switch.
–
Soft start circuitry to limit inrush current flow from primary supply.
–
Internally generated PWM (250kHz switching frequency).
–
Nonlinear pulse skipping control.
–
Protected against load short circuit.
–
Cycle by cycle current limiting using internal current sensor.
–
Under voltage signal (both continuous and latched) accessible through SPI.
When S.A.B.Re is in “Low Power mode”, this regulator will be disabled.
In order to save external components and power when using two or more S.A.B.Re IC’s on
the same board, the primary switching regulator can be disabled by serial interface. Care
must be paid using this function because an under-voltage on this regulator, as previously
seen, will be read as a fault condition by S.A.B.Re.
Table 18.
Switching regulator controller PWM specification
MainSwCfg register
Reference voltage (VFBREF)
Unit
Comments
SelFBref[1]
SelFBref[0]
Min
Typ
Max
0
0
0.776
0.8
0.824
V
0
1
0.97
1
1.03
V
Default state
1
0
2.425
2.5
2.575
V
1
1
2.910
3
3.09
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com