Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 34 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 34 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 30Page - STMicroelectronics SABRE-LL-I Datasheet HTML 31Page - STMicroelectronics SABRE-LL-I Datasheet HTML 32Page - STMicroelectronics SABRE-LL-I Datasheet HTML 33Page - STMicroelectronics SABRE-LL-I Datasheet HTML 34Page - STMicroelectronics SABRE-LL-I Datasheet HTML 35Page - STMicroelectronics SABRE-LL-I Datasheet HTML 36Page - STMicroelectronics SABRE-LL-I Datasheet HTML 37Page - STMicroelectronics SABRE-LL-I Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 141 page
background image
Power saving modes
SABRE-LL-I
34/141
10.5
nAWAKE pin
At the start up, before S.A.B.Re has identified the required operation mode (see Chapter 8),
a current sink IINP is always active to pull down nAWAKE pin. As soon as the operation
mode (basic, slave, master or single device) is detected, the functionality of nAWAKE pin
will be different.
If S.A.B.Re is not configured as Slave device a current source IOUT will be active on this
pin, while the current sink IINP will be disabled. If S.A.B.Re is configured as a Slave device,
the current sink IINP will be active until nAWAKE pin is detected high for the first time; after
that both current sources IINP and IOUT will be disabled and the nAWAKE pin can be
considered as a digital input.
Here below is reported the nAWAKE pin simplified schematic.
Figure 6.
nAWAKE function block diagram
Table 16.
nAWAKE function specifications
Parameter
Description
Test condition
Min
Typ
Max
Unit
VIL
nAWAKE logic low threshold
0.8
V
VIH
nAWAKE logic high threshold
1.6
V
VHYS
nAWAKE input hysteresys
0.25
V
IOUT
nAWAKE pin output current
nAWAKE=0V(1)
1.
Current is defined to be positive when flowing into the pin.
- 0.72
- 2
mA
IINP
nAWAKE pin input current
nAWAKE=0.8V(1
)
0.2
0.4
mA
tAWAKEFILT
Filter time
1.2
ns
V3v3
IOUT
AWAKE_req
AWAKE
SlaveMode
nAWAKE seen high
for the first time after
start up.
IINP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com