Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 79 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 79 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 75Page - STMicroelectronics SABRE-LL-I Datasheet HTML 76Page - STMicroelectronics SABRE-LL-I Datasheet HTML 77Page - STMicroelectronics SABRE-LL-I Datasheet HTML 78Page - STMicroelectronics SABRE-LL-I Datasheet HTML 79Page - STMicroelectronics SABRE-LL-I Datasheet HTML 80Page - STMicroelectronics SABRE-LL-I Datasheet HTML 81Page - STMicroelectronics SABRE-LL-I Datasheet HTML 82Page - STMicroelectronics SABRE-LL-I Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 141 page
background image
SABRE-LL-I
AD converter
79/141
15.3
A2D specification with A2dType=1
15.4
Voltage divider specifications
As can be seen in the A2D block diagram, in order to report some voltages in the A2D
working range, they are scaled with a resistor divider before the conversion.
Here below are reported the resistor voltage divider specifications:
Table 56.
ADC specification
Parameter
Description
Test condition
Min
Typ
Max
Unit(1)
1.
The definition of LSB for this table is LSB=IMRmax/(29-1).
IMR
Measurement range
A2dType = 1
0
V3v3
V
INL
Integral non-linearity
A2dType = 1(2)(3)
2.
Integral non linearity error (INL) is defined as the maximum distance between any point of the ADC
characteristic and the “best straight line” approximating the ADC transfer curve.
3.
The ADC ensures monotonic characteristic and no missing codes.
±1
LSB
DNL
Differential Non-Linearity
A2dType = 1(4)(3)
4.
Differential nonlinearity error (DNL) is defined as the difference between an actual step width and the ideal
width value of 1 LSB.
±1
LSB
OE
Offset error
A2dType = 1(5)
5.
Offset error (OE) is the deviation of the first code transition (000...000 to 000...001) from the ideal (i.e. GND
+ 0.5 LSB).
±4
LSB
OEDrift
Offset error drift
A2dType = 1 over time
and temperature
±3
LSB
GE
Gain error
A2dType = 1(6)
6.
Gain error (GE) is the deviation of the last code transition (111...110 to 111...111) from the ideal (V3v3 -
0.5 LSB), after adjusting for offset error.
±4
LSB
GEDrift
Gain error drift
A2dType = 1
over time and
temperature
±4
LSB
tconv
Minimum conversion time
10
µs
Resolution
9
bits
Cin
Input capacitance
(7)
7.
Actual input capacitance depends on the pin that must be converted.
4pF
Table 57.
Voltage divider specification
Parameter
Description
Notes
Min
Typ
Max
Unit
RSupply_ratio VSupply divider ratio
-10%
1/15
+10%
RSupplyInt_rati
o
VSupply Int divider ratio
-10%
1/15
+10%
Rv3v3_ratio
V3v3 divider ratio
-10%
1/2
-10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com