Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 40 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 40 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 36Page - STMicroelectronics SABRE-LL-I Datasheet HTML 37Page - STMicroelectronics SABRE-LL-I Datasheet HTML 38Page - STMicroelectronics SABRE-LL-I Datasheet HTML 39Page - STMicroelectronics SABRE-LL-I Datasheet HTML 40Page - STMicroelectronics SABRE-LL-I Datasheet HTML 41Page - STMicroelectronics SABRE-LL-I Datasheet HTML 42Page - STMicroelectronics SABRE-LL-I Datasheet HTML 43Page - STMicroelectronics SABRE-LL-I Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 141 page
background image
Main switching regulator
SABRE-LL-I
40/141
The output current is limited to a value that can be set by means of selilimit bit in the
MainSwCfg register according to following table:
Table 20.
Main switching regulator current limit
SelIlimit
Current limit (min)
Comments
0
3.3A
Default state
12.3A
Table 21.
Main switching regulator specifications
Parameter
Description
Test condition
Min
Typ
Max
Unit
VMAIN_SW Output pin voltage range
(1)
-1
Vsupply
V
IQ
Output leakage current
Tjunction = 125°C
-40
+40
µA
IQlp
Output leakage current in
“Low Power Mode”
VSupply = 36V
Tjunction = 125°C
-15
+5
µA
IQfb
Feedback pin current
Tjunction = 125°C
-10
+0
µA
Vout
Output voltage range
(2)
0.8
5
V
Iload
Output load current
VSupply = 36V
0.002
3
A
RonH
Internal high side RDson
Iload=1A
Tjunction = 125°C
0.55
O
Vloop
Loop voltage accuracy
±3%
VregR
Output voltage ripple
(RMS)
L =150u,
C=330µF/ESR=0.54
Ω
(3)
28
mVRMS
VuvFall
Under voltage falling
threshold
(4)
84.5
87
89.5
%
VuvRise
Under voltage rising
threshold
(4)
90.5
93
95.5
%
Vuvhys
Under voltage hysteresys
6
%
tprim_uv
Under voltage deglitch
filter
5us
Ilimit
Current limit protection
SelIlimit =”0”
SelIlimit =”1”
3.3
2.3
5
3.5
TBD
TBD
A
A
tdeglitch
Current limit deglitch time
50
ns
tI_lim
Current limit response time
In normal operating
mode (no UV)(5)
650
ns
tI_limUV
Current limit response time
in UV condition.
When in
Under Voltage(6)
400
ns
tr
Switching output rise time
VSupply = 36V, Resistive
load to gnd = 422
Ω(7)
530
ns
tf
Switching output fall time
VSupply = 36V, Resistive
load to gnd = 10
Ω(7)
530
ns
FregPwm
Operating frequency
Fosc/64
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com