Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 17 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 13Page - STMicroelectronics SABRE-LL-I Datasheet HTML 14Page - STMicroelectronics SABRE-LL-I Datasheet HTML 15Page - STMicroelectronics SABRE-LL-I Datasheet HTML 16Page - STMicroelectronics SABRE-LL-I Datasheet HTML 17Page - STMicroelectronics SABRE-LL-I Datasheet HTML 18Page - STMicroelectronics SABRE-LL-I Datasheet HTML 19Page - STMicroelectronics SABRE-LL-I Datasheet HTML 20Page - STMicroelectronics SABRE-LL-I Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 141 page
background image
SABRE-LL-I
Internal supplies
17/141
4.3
VSupplyInt specifications
4.4
Charge pump regulator
S.A.B.Re implements a charge pump regulator to generate a voltage over VSupply.This
voltage is used to drive internal circuits and the external FET driver and cannot be used for
any other purpose.
This circuit is always under the supervisory circuit control, so no regulator can start before
the VPump voltage reaches its undervoltage rising threshold. If VPump voltage falls down
below its under voltage falling threshold, all the regulators will be switched off.
The charge pump circuit is disabled when S.A.B.Re is in “Low Power mode”.
4.5
V3v3 regulator
V3v3 is the output of an internal regulator used to supply some low voltage internal circuits.
This regulator is not intended to provide external current so it must not be used to supply
external loads. An external capacitor must always be connected from this pin to gnd.
Table 4.
VSupplyInt specification
Parameter
Description
Test
condition
Min
Typ
Max
Unit
VS_Int_RNG
VSupplyInt output voltage
(1)
1.
This value is useful to define the voltage rating for external capacitor to be connected from VSupply to
VSupplyInt.
18
19.5
21
V
IS_Int_TYP
VSupplyInt operative current
(2)
2.
This typical value is only intended to give an extimation of the current consumption when S.A.B.Re is
configured in simple regulators mode (see following Chapter 8.7.4) at the end of the start up sequence and
with no load on regulators. This typical value allows a raw choose of the external resistor but the definitive
choose must be done according to following Note 3).
11
mA
RExt
External resistor value
VSupply=32V
IS_Int=12mA
(3)
3.
REXT could be chosen by applying this formula: REXT = (VSupply min - VS_Int max)/(IS_Int max). IS_Int max
is depending from the chosen configuration and represents the total current needed by the circuits
connected to this pin.
1000
1.5
Ω
CExt
External capacitor
80
100
120
nF
Table 5.
VPump specification
Parameter
Description
Test condition
Min
Typ
Max
Unit
VPump
Regulated Voltage
VSupply=32V
VSupply
+10.5
VSupply
+12.5
VSupply
+14.5
V
FPump
VPump clock frequency
Fosc = 16MHz typ
Fosc/64
KHz
CFLY
Flying capacitor
100
nF
CBOOST
Boost capacitor
1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com