Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 36 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 36 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 32Page - STMicroelectronics SABRE-LL-I Datasheet HTML 33Page - STMicroelectronics SABRE-LL-I Datasheet HTML 34Page - STMicroelectronics SABRE-LL-I Datasheet HTML 35Page - STMicroelectronics SABRE-LL-I Datasheet HTML 36Page - STMicroelectronics SABRE-LL-I Datasheet HTML 37Page - STMicroelectronics SABRE-LL-I Datasheet HTML 38Page - STMicroelectronics SABRE-LL-I Datasheet HTML 39Page - STMicroelectronics SABRE-LL-I Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 141 page
background image
Linear main regulator
SABRE-LL-I
36/141
power externally (the power dissipated by a linear driver supplied at VSupply and regulating a
voltage VLINmain_OUT with an output current IOUT is about: Pd= (VSupply-VLINmain_OUT)*IOUT.
Figure 8.
Linear main regulator external bipolar example
Whichever configuration is used (regulator or controller), a ceramic capacitor must be
connected on the output pin towards ground to guarantee the stability of the regulator; the
value of this capacitance is in the range of 100nF to 1µF depending on the regulated
voltage.
When this regulator is disabled, the whole circuit is switched off and the current
consumption is reduced to a very low level both from V3v3 and from VSupply. When in this
condition, the output pin is pulled low by an internal switch.
Table 17.
System linear regulator operating specifications
Parameter
Description
Test condition
Min
Typ
Max
Unit
VLINmain_OUT
Output pin
voltage range
(1)
0VSupply
V
Vdrop
Drop out voltage
Vdrop=
Vsupply-VLINmain_OUT
2V
IPD
Internal switch pull
down current
Linear Main Regulator
disabled;
VLINmain_OUT=1V
3mA
VLINmain_FB
Feedback pin voltage
range
03.6
V
VLINmain_Ref
Feedback reference
voltage
0.776
0.8
0.824
V
ILINmain_Ref
Feedback pin input
current
-2
2
µA
VLINmain_Ref
+
-
Body Diode
Cload
Ra
Rb
VLINmain_FB
Vsupply
VLINmain_OUT
Cc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com