Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 87 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 87 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 83Page - STMicroelectronics SABRE-LL-I Datasheet HTML 84Page - STMicroelectronics SABRE-LL-I Datasheet HTML 85Page - STMicroelectronics SABRE-LL-I Datasheet HTML 86Page - STMicroelectronics SABRE-LL-I Datasheet HTML 87Page - STMicroelectronics SABRE-LL-I Datasheet HTML 88Page - STMicroelectronics SABRE-LL-I Datasheet HTML 89Page - STMicroelectronics SABRE-LL-I Datasheet HTML 90Page - STMicroelectronics SABRE-LL-I Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 141 page
background image
SABRE-LL-I
Low voltage power switches
87/141
Table 62.
3.3V low power switch specification
Parameter
Description
Test condition
Min
Typ
Max
Unit
VPSW
Input voltage range
2.4
3.6
V
VOUT_MAX
Output voltage
VGPIO_SPI
V
RDSON
On resistance
Iload=100mA
1
O
ILIMIT
Current limit
150
250
350
mA
tdeglitch
Current limit deglitch
time
50
ns
tI_lim
Current limit response
time
650
ns
CLOAD
Max load capacitance
2.5
µF
tON
On delay
VGPIO_SPI=3.3V
ILOAD=1mA
CLOAD=100pF
(1)
1.
Time measured from change in SPI interface to 50% of external pin transition.
650
ns
tOFF
Off delay
VGPIO_SPI=3.3V
ILOAD=1mA
CLOAD=100pF
(1)
450
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com