Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 27 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 27 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 23Page - STMicroelectronics SABRE-LL-I Datasheet HTML 24Page - STMicroelectronics SABRE-LL-I Datasheet HTML 25Page - STMicroelectronics SABRE-LL-I Datasheet HTML 26Page - STMicroelectronics SABRE-LL-I Datasheet HTML 27Page - STMicroelectronics SABRE-LL-I Datasheet HTML 28Page - STMicroelectronics SABRE-LL-I Datasheet HTML 29Page - STMicroelectronics SABRE-LL-I Datasheet HTML 30Page - STMicroelectronics SABRE-LL-I Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 141 page
background image
SABRE-LL-I
Start-up configurations
27/141
8
Start-up configurations
8.1
Overview
S.A.B.Re start-up configuration is selected by setting in different states the GPIO[0],
GPIO[3] and GPIO[4] pins. Each of these is a three state input pin and is able to distinguish
among the following situations:
Note: “Shorted” means: R
≤1KOhm; “Z” means: R≥10KOhm, C≤200pF
8.2
Operation modes
When VSupply voltage is applied to S.A.B.Re, the internal regulator V3v3, used to supply the
logic circuits inside the device, starts its functionality. When it reaches its final value,
S.A.B.Re enables the GPIO[0] pin state read circuitry, and, after a time TpinSample, it will
sample the GPIO[0] state. If it is found to be in high impedance, S.A.B.Re does not consider
GPIO[3] and GPIO[4] pins state and starts its “Basic device” mode sequence. If GPIO[0] is
found to be connected to ground or to V3v3, S.A.B.Re checks the state of GPIO[3] and
GPIO[4] pins to select its start-up configuration.
The possible configurations can be classified in four “Major” modes:
1.
Basic device.
2.
Slave device.
3.
Master device.
4.
Single device.
Hereafter is reported the correspondence table between GPIO[X] state and S.A.B.Re
configurations.
Table 14.
Possible start-up pins state symbol
Pin condition
State symbol
Shorted to ground
0
Shorted to V3v3 pin
1
Floating
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com