Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 69 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 69 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 65Page - STMicroelectronics SABRE-LL-I Datasheet HTML 66Page - STMicroelectronics SABRE-LL-I Datasheet HTML 67Page - STMicroelectronics SABRE-LL-I Datasheet HTML 68Page - STMicroelectronics SABRE-LL-I Datasheet HTML 69Page - STMicroelectronics SABRE-LL-I Datasheet HTML 70Page - STMicroelectronics SABRE-LL-I Datasheet HTML 71Page - STMicroelectronics SABRE-LL-I Datasheet HTML 72Page - STMicroelectronics SABRE-LL-I Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 141 page
background image
SABRE-LL-I
Power bridges
69/141
When used as a simple switching regulator, it could be a system regulator depending on
startup configurations
When a system regulator under-voltage event is detected S.A.B.Re will enter in reset state
signaling this event to the microcontroller by pulling low the nRESET pin and disabling most
of its internal blocks.
Battery charger regulator application (CC-CV).
When the control loop is intended to be used as a battery charger, the Aux3BatteryCharge
bit must be written in the Aux3SwCfg1 register. This is because in this case the
undervoltage event that will be sure present when charging a battery (see next battery
charger profile) will not be considered during start up sequence.
Voltage regulation
The regulated output voltage will be externally set by a resistor divider network connected to
VREF_FB pin. S.A.B.Re has the possibility to choose between four voltage references (and,
as a consequence, four under-voltage thresholds) using the serial interface. The feedback
reference voltage selection is made by writing the SelFBRef[1:0] bits in the Aux3SwCfg1
register according to the table here below:
Reference voltages values can be changed using a metal layer change in order to adapt
them to customer system.
The first, second and third reference voltage has been chosen to regulate 3.3V, 4.2V and
5V with the same resistor divider network, such that the commutation between different
regulated voltages can be done on the fly in the application.
Current regulation
The regulation of the output current can be done externally, by using a sense resistor
connected in series on the path that provides current to the load. By using an external
differential amplifier the customer can set the desired V=f(I) characteristic, and therefore the
regulated current: the voltage provided at the IREF_FB pin will be compared to the internal
reference. S.A.B.Re has the possibility to choose between four voltage references using the
serial interface, writing the SelCurrRef[1:0] bits in the Aux3SwCfg1 register according to the
following the table:
Table 47.
Battery charger control loop FBRef specification
Aux3SwCfg1
Reference voltage (FBRef)
Comments
SelFBref[1]
SelFBref[0]
Min
Typ
Max
Unit
0
0
1.370
1.412
1.455
V
0
1
1.746
1.8
1.854
V
Default state
1
0
2.079
2.143
2.207
V
1
1
2.425
2.5
2.575
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com