Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 44 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 44 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 40Page - STMicroelectronics SABRE-LL-I Datasheet HTML 41Page - STMicroelectronics SABRE-LL-I Datasheet HTML 42Page - STMicroelectronics SABRE-LL-I Datasheet HTML 43Page - STMicroelectronics SABRE-LL-I Datasheet HTML 44Page - STMicroelectronics SABRE-LL-I Datasheet HTML 45Page - STMicroelectronics SABRE-LL-I Datasheet HTML 46Page - STMicroelectronics SABRE-LL-I Datasheet HTML 47Page - STMicroelectronics SABRE-LL-I Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 141 page
background image
Switching regulator controller
SABRE-LL-I
44/141
13.3
Output equivalent circuit
The switching regulator controller output driving stage can be represented with an
equivalent circuit as in the figure below:
Figure 11.
Switching regulator controller output driving equivalent circuit
As can be seen from the above figure, the external switch gate is charged with a current
generator ISOURCE and it is discharged towards ground with a current generator ISINK that is
applied for a TSINK pulse while an equivalent resistor RSUSTAIN is connected between gate
and source until the sink command is present.
The table here below lists the values of the above mentioned parameters:
Table 24.
Switching regulator controller operating specification
Parameter
Description
Test condition
Min
Typ
Max
Unit
ISOURCE
Source current
VPump=VSupply+12V
VSWCTR_GATE=0V
25
50
mA
ISINK
Sink current
VSWCTR_GATE = VSupply
20
mA
tSINK
Sink discharge pulse time
600
ns
RSUSTAIN
Gate-source sustain
resistance
(VSWCTR_GATE - VSWCTR_SRC)
= 0.2V
650
Ω
VSWDRV_gate
VPUMP
ISOURCE
VSWDRV_SW
RSUSTAIN
Source command
Sink pulse command
ISINK
Sink command
Tsink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com