Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 32 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 28Page - STMicroelectronics SABRE-LL-I Datasheet HTML 29Page - STMicroelectronics SABRE-LL-I Datasheet HTML 30Page - STMicroelectronics SABRE-LL-I Datasheet HTML 31Page - STMicroelectronics SABRE-LL-I Datasheet HTML 32Page - STMicroelectronics SABRE-LL-I Datasheet HTML 33Page - STMicroelectronics SABRE-LL-I Datasheet HTML 34Page - STMicroelectronics SABRE-LL-I Datasheet HTML 35Page - STMicroelectronics SABRE-LL-I Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 141 page
background image
Power saving modes
SABRE-LL-I
32/141
10
Power saving modes
10.1
Overview
Saving power is very important for today platforms: S.A.B.Re implements different functions
to achieve different levels of power saving.
Sections here below describe these different power saving modes.
10.2
Standby mode
Almost all low voltage circuitry inside S.A.B.Re are powered by V3v3 internal regulator; this
regulator is a linear regulator powered by VSupplyInt. This means that all the current provided
by V3v3 regulator is directly coming from VSupplyInt and therefore the total power
consumption is:
Low voltage power = VSupply* IV3v3.
because VSupplyInt is feeded by VSupply, directly or with a resistor in series.
This power could be reduced by using a switching buck regulator to supply V3v3: in this
case, assuming the buck regulator efficiency near to 100%, the dissipated power would
become:
Low voltage power
≈ 3.3V * I
V3v3.
To achieve this result there is the need to switch off the internal V3v3 linear regulator and to
use an additional pin to provide a 3.3V supply to internal circuits. S.A.B.Re can do this by
using the low voltage switch implemented on GPIO6 pin. This switch internally connects
VGPIOSpi voltage to GPIO6 output so, by externally connecting GPIO6 to V3v3 pin, the
VGPIOSpi voltage can be provided to low voltage circuitry inside S.A.B.Re.
Figure 5.
Standby mode function description
3.3V
GPIO6
VGPIOSpi
VSupplyInt
V3v3
Regulator
-
+
StdByMode
3.3 V
1.9 V
0
1
External
connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com