Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 83 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 83 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 79Page - STMicroelectronics SABRE-LL-I Datasheet HTML 80Page - STMicroelectronics SABRE-LL-I Datasheet HTML 81Page - STMicroelectronics SABRE-LL-I Datasheet HTML 82Page - STMicroelectronics SABRE-LL-I Datasheet HTML 83Page - STMicroelectronics SABRE-LL-I Datasheet HTML 84Page - STMicroelectronics SABRE-LL-I Datasheet HTML 85Page - STMicroelectronics SABRE-LL-I Datasheet HTML 86Page - STMicroelectronics SABRE-LL-I Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 141 page
background image
SABRE-LL-I
Operational amplifiers
83/141
Figure 24.
Configurable 3.3V operational amplifiers
Note:
Op1EnPlusRef and Op2EnPlusRef cannot be used to drive external pin so the user must be
sure not to enable the path between one of these voltage references and the external pin.
The operational amplifiers are capable to drive a capacitive load in buffer configuration up to
a maximum of 100pF; for higher capacitance it is necessary to add resistive loads to
increase the OP output current, and/or to add a low resistor (10 Ohm) in series to the load
capacitance.
The table here below describes the main operational amplifier parameters.
GPIO[10]
GPIO[9]
GPIO[11]
To A/D System
VGPIO_SPI
Op1Ref[1:0]
Op1BufConf
Op1EnIntRef
EnOp1
Op1EnMinusPin
Op1EnPlusPin
OpAmp 1
Op1PlusRef
+
-
-
+
EnOp2
Op2EnPlusPin
Op2EnMinusPin
Op2BufConf
Op2EnIntRef
GPIO[13]
GPIO[12]
GPIO[14]
Op1CompMode
Op2CompMode
Op2PlusRef
Op2Ref[1:0]
+
-
VGPIO_SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com