Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 80 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 80 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 76Page - STMicroelectronics SABRE-LL-I Datasheet HTML 77Page - STMicroelectronics SABRE-LL-I Datasheet HTML 78Page - STMicroelectronics SABRE-LL-I Datasheet HTML 79Page - STMicroelectronics SABRE-LL-I Datasheet HTML 80Page - STMicroelectronics SABRE-LL-I Datasheet HTML 81Page - STMicroelectronics SABRE-LL-I Datasheet HTML 82Page - STMicroelectronics SABRE-LL-I Datasheet HTML 83Page - STMicroelectronics SABRE-LL-I Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 141 page
background image
Current DAC circuit
SABRE-LL-I
80/141
16
Current DAC circuit
16.1
Overview
S.A.B.Re includes a multiple range 6-bit current sink DAC. The LSB value of this DAC can
be selected using the DacRange[1:0] bits in the CurrDacCtrl register.
The output of this circuit is connected to GPIO[8] that is a 5V tolerant pin. The value of this
pin can be converted using ADC. The pin value can be scaled before being converted by
enabling the internal resistor divider connected to this pin. If the current sunk by resistor
divider is not acceptable the pin voltage can be converted without scaling its value. When
the conversion without scaling resistor is chosen a clamping connection is used to avoid
voltage compatibility of the pin to the ADC system. The clamping circuit will sink a typical
current of half microampere from the pin during the sampling time.
Figure 23.
Current DAC block diagram
The circuit is enabled by setting to logic ‘1’ the EnDac bit in the CurrDacCtrl register then the
desired sunk current value is chosen by changing the value of the DacValue[5:0] bits in the
Current Sink
DAC
DacValue[5:0]
EnDac
A2DChannel1[4:0]
A2DChannel2[4:0]
Combinatorial
Mask
Combinatorial
Mask
Address
Recognized
Address
Recognized
EnDac
Clamp circuit
Gpio8 Clamp
(to ADC)
EnDacScale
DacRange[1:0]
Reference Current
Generator
Va3
Gpio[8]
DacRange[1:0]
Gpio[8] Digital Driver
RCurrDac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com