Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 74 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 74 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 70Page - STMicroelectronics SABRE-LL-I Datasheet HTML 71Page - STMicroelectronics SABRE-LL-I Datasheet HTML 72Page - STMicroelectronics SABRE-LL-I Datasheet HTML 73Page - STMicroelectronics SABRE-LL-I Datasheet HTML 74Page - STMicroelectronics SABRE-LL-I Datasheet HTML 75Page - STMicroelectronics SABRE-LL-I Datasheet HTML 76Page - STMicroelectronics SABRE-LL-I Datasheet HTML 77Page - STMicroelectronics SABRE-LL-I Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 141 page
background image
AD converter
SABRE-LL-I
74/141
15
AD converter
15.1
Overview
S.A.B.Re integrates and makes accessible via SPI a general purpose multi-input channel
3.3V analog to digital converter (ADC).
The ADC can be configured to be used as:
–
8-bit resolution ADC.
–
9-bit resolution ADC.
The result of the conversion will always be a 9-bit word; the difference between the two
configurations is that, to speed up the conversion, the resolution is reduced when the ADC
is used in the 8-bit resolution mode.
The ADC is seen at software level as a 2 channel ADC with different programmable sample
times; a finite state machine will sample the requests done through the SPI interface on both
the channel and will execute them in sequence.
When used as 8-bit resolution the ADC can achieve a higher throughput and, if the
minimum sample time is used, one conversion is completed in t = 5.5µs. When used as 9-bit
resolution ADC the circuit is slower and the minimum sample times are disabled. In that
case the conversion will be completed in a time t= 10 µs
The use of ADC type must be decided at the start-up by writing in the one time
programmable ADC configuration register; no A/D conversion will be enabled if this register
is not set from last power-up sequence.
This ADC can be used to measure some external pins as well as some S.A.B.Re’s internal
voltages. The converter is based on a cyclic architecture with an internal sample-and-hold
circuit. Sample time can be changed using serial interface to enable good measure of higher
impedance sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com