Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 59 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 59 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 55Page - STMicroelectronics SABRE-LL-I Datasheet HTML 56Page - STMicroelectronics SABRE-LL-I Datasheet HTML 57Page - STMicroelectronics SABRE-LL-I Datasheet HTML 58Page - STMicroelectronics SABRE-LL-I Datasheet HTML 59Page - STMicroelectronics SABRE-LL-I Datasheet HTML 60Page - STMicroelectronics SABRE-LL-I Datasheet HTML 61Page - STMicroelectronics SABRE-LL-I Datasheet HTML 62Page - STMicroelectronics SABRE-LL-I Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 141 page
background image
SABRE-LL-I
Power bridges
59/141
Note: It is intended as clockwise the sequence that forces a clockwise rotation of the versors representing the
current module and phase.
An internal DAC is used to digitally control the output regulated current. The available
values are chosen to provide a quasi sinusoidal profile of the current. The current limit in
each phase is decided by PhADAC[3:0] bits for phase A and PhBDAC[3:0] bits for phase B.
The table below describes the relation between the value programmed in the stepper DAC
and the current level:
Note: The Min and Max values are guaranteed by testing the percentage of VSTEPREF that allows the
commuatation of the Rsense comparator.
IMAX=VSTEPREF/ RSENSE.
To obtain the best phase approximation of a sinusoidal wave, the user needs to repeat the final (100%)
value. So the full values sequence should be as follows: 0, 1, 2, 3 … D, E, F, F, F, E, D … 3, 2, 1, 0.
Even if the total spread shows overlapping between current steps, the monotonicity is guaranteed by
design.
Table 38.
Stepper sequencer direction
StepDir
Direction
0
Counter Clockwise (CCW)
1
Clockwise (CW)
Table 39.
DAC
PhXDAC [3:0]
Phase Current ratio respect to IMAX
Min
Typ
Max
Unit
0000
(Hi-Z)
0001
7.8
9.8
11.8
% of IMAX
0010
17.5
19.5
21.5
% of IMAX
0011
27.0
29.0
31.0
% of IMAX
0100
36.3
38.3
40.3
% of IMAX
0101
45.1
47.1
49.1
% of IMAX
0110
53.6
55.6
57.6
% of IMAX
0111
61.4
63.4
65.4
% of IMAX
1000
68.7
70.7
72.7
% of IMAX
1001
75.3
77.3
79.3
% of IMAX
1010
81.1
83.1
85.1
% of IMAX
1011
86.2
88.2
90.2
% of IMAX
1100
90.4
92.4
94.4
% of IMAX
1101
93.7
95.7
97.7
% of IMAX
1110
96.5
98.1
99.7
% of IMAX
1111
IMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com