Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 42 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 42 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 38Page - STMicroelectronics SABRE-LL-I Datasheet HTML 39Page - STMicroelectronics SABRE-LL-I Datasheet HTML 40Page - STMicroelectronics SABRE-LL-I Datasheet HTML 41Page - STMicroelectronics SABRE-LL-I Datasheet HTML 42Page - STMicroelectronics SABRE-LL-I Datasheet HTML 43Page - STMicroelectronics SABRE-LL-I Datasheet HTML 44Page - STMicroelectronics SABRE-LL-I Datasheet HTML 45Page - STMicroelectronics SABRE-LL-I Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 141 page
background image
Switching regulator controller
SABRE-LL-I
42/141
13
Switching regulator controller
13.1
Overview
This circuit controls an external FET to implement a switching buck regulator using a non
linear pulse skipping control with internally generated PWM signal.
The output voltage will be externally set by a divider network connected on feedback pin. To
reduce as much as possible the regulation voltage error S.A.B.Re has the possibility to
switch between four regulator feedback voltage references (and, as a consequence, four
under-voltage thresholds) using serial interface. The feedback reference voltage is selected
by writing the SelFBRef bits in the SwCtrCfg register according to the following table.
Adjustable feedback voltages can be changed using a metal layer change in order to adapt
it to customer system.
This regulator is switched off when S.A.B.Re is powered up for the first time and can be
enabled using S.A.B.Re’s SPI interface.
Here after are summarized the main features of the regulator:
–
Soft start circuitry to limit inrush current flow from primary supply.
–
Changeable feedback reference voltage
–
Internally generated PWM (250kHz switching frequency).
–
Nonlinear pulse skipping control.
–
Protected against load short circuit.
–
Cycle by cycle current limiting using internal current sensor.
–
Under voltage signal (both continuous and latched) accessible through SPI.
Table 22.
Switching regulator controller PWM specification
SwCtrCfg register
Reference voltage (VFBREF)
Unit
Comments
SelFBref[1]
SelFBref[0]
Min
Typ
Max
0
0
0.776
0.8
0.824
V
Default state
0
1
0.970
1
1.030
V
1
0
2.425
2.5
2.575
V
1
1
2.910
3
3.09
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com