Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 86 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 86 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 82Page - STMicroelectronics SABRE-LL-I Datasheet HTML 83Page - STMicroelectronics SABRE-LL-I Datasheet HTML 84Page - STMicroelectronics SABRE-LL-I Datasheet HTML 85Page - STMicroelectronics SABRE-LL-I Datasheet HTML 86Page - STMicroelectronics SABRE-LL-I Datasheet HTML 87Page - STMicroelectronics SABRE-LL-I Datasheet HTML 88Page - STMicroelectronics SABRE-LL-I Datasheet HTML 89Page - STMicroelectronics SABRE-LL-I Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 141 page
background image
Low voltage power switches
SABRE-LL-I
86/141
18
Low voltage power switches
18.1
Overview
Low voltage power switches are analog switches designed to operate from a single +2.4V to
+3.6V VGPIO_SPI supply. They are intended to provide and remove power supply to low
voltage devices. When switched on, they connect the VGPIO_SPI pin to their output pin
(GPIO[6] for low voltage power switch 1 or GPIO[7] for low voltage power switch 2) thus
powering the device connected to it. The turning on and off of each switch can be controlled
through serial interface.
S.A.B.Re provides a total of 2 low voltage power switches, each of them has current
limitation to minimum 150mA to limit inrush current when charging a capacitive load. When
the limit current has been reached, for more than a Tfilter time, then a flag is activated; this
flag is latched in the central logic and can be cleared by the firmware. Please note that, in
case of capacitive load, the current limit is reached the first time the low power switch is
turned on: therefore the user will find a limit flag that must be cleared.
The 2 low voltage power switches can be externally paralleled to obtain a single super low
voltage power switch. Low voltage pass switches sink current IPASS needed for their
functionality from pin VGPIO_SPI, they never inject current on this pin.
Figure 25.
Low power switch block diagram
EnLowVSw[x]
GPIO[6] (LPS 1)
or
GPIO[7] (LPS 2)
Current
Limit
Sensor
VGPIO_SP
LowVSwIlim[x]
To SPI
S
R
LowVSwIlimLth[x]
ClrLowVrSwLth
Reset Stat
GPIO[6]/GPIO[7]
Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com