Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 31 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 31 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 27Page - STMicroelectronics SABRE-LL-I Datasheet HTML 28Page - STMicroelectronics SABRE-LL-I Datasheet HTML 29Page - STMicroelectronics SABRE-LL-I Datasheet HTML 30Page - STMicroelectronics SABRE-LL-I Datasheet HTML 31Page - STMicroelectronics SABRE-LL-I Datasheet HTML 32Page - STMicroelectronics SABRE-LL-I Datasheet HTML 33Page - STMicroelectronics SABRE-LL-I Datasheet HTML 34Page - STMicroelectronics SABRE-LL-I Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 141 page
background image
SABRE-LL-I
Power sequencing
31/141
9
Power sequencing
9.1
Overview
As soon as VSupply and VSupplyInt are above their power on reset level, S.A.B.Re will start
the charge pump circuit; once VPump voltage reaches its under voltage rising threshold,
S.A.B.Re begins a sequence that starts the regulators considered system regulators.
A regulator is considered a System regulator if:
–
It has to start in on state without any user action.
–
It is included in the power-up sequence.
–
Its under-voltage event is considered by S.A.B.Re as an error condition to be
signaled through nRESET pin.
Once VSupply and VSupplyInt, VPump and all the system regulators are over their under
voltage rising threshold, S.A.B.Re enters in the normal operating state, that will release
nRESET pin and will wait for SPI commands.
S.A.B.Re will reduce the noise introduced in the system by switching out of phase all its
power circuits (switching regulators, bridges and charge pump).
The S.A.B.Re's startup sequence of operation is the following:
–
start V3v3 internal linear regulator
–
sample startup configuration
–
wait enable if slave device
–
start charge pump
–
start system regulators (see order in Section 8.7)
–
send enable to slave device, if master
–
wait until VGPIO_SPI becomes ok



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com