Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 123 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 123 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 119Page - STMicroelectronics SABRE-LL-I Datasheet HTML 120Page - STMicroelectronics SABRE-LL-I Datasheet HTML 121Page - STMicroelectronics SABRE-LL-I Datasheet HTML 122Page - STMicroelectronics SABRE-LL-I Datasheet HTML 123Page - STMicroelectronics SABRE-LL-I Datasheet HTML 124Page - STMicroelectronics SABRE-LL-I Datasheet HTML 125Page - STMicroelectronics SABRE-LL-I Datasheet HTML 126Page - STMicroelectronics SABRE-LL-I Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 141 page
background image
SABRE-LL-I
GPIO pins
123/141
22.15
GPIO[13]
The GPIO[13] truth table is (for the abbreviation list please refer to Table 68):
Table 95.
GPIO[13] truth
Op2En
mimusPin(1)
1.
The Op2EnMinusPin bit in the OpAmp2Ctrl register enables the connection of the positive input of Op1 to
GPIO[13] pin.
GPIO[13] SPI BITS
Function
Note
GpioOut
enable[13]
Mode[2]
Mode[1]
Mode[0]
1X
X
X
X
OpAmp2 in-
(2)
2.
When Op2EnMinusPin = ‘1’ the GpioOutEnable[13] bit is forced to 0.
0
0
X
X
X
HiZ (SPI_IN)
0
1
0
0
0
SPI OUT
(3)
3.
In all configurations in which GPIO[9] is enabled as output:
a) the GPIO[13] pin can be always used as an analog input to the ADC system (ADC function) by writing
its address in the A2DChannelX[4:0] in the A2DConfigX register and starting a conversion;
b) the GPIO[13] pin can be always used as a digital input so its value can be always read through SPI
interface (SPI_IN function);
c)
the GPIO[13] pin is a rail to rail output supplied by VGPIO_SPI.
01
0
0
1
AuxPwm1
(3)
0
1
0
1
0
Reg Loop 3
(3)
01
0
1
1
AuxPwm3
(3)
0
1
1
0
0
AuxPwm1 inverted
(3)
0
1
1
0
1
Reg Loop 3 inverted
(3)
0
1
1
1
1
AuxPwm3 inverted
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com