Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 137 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 137 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 133Page - STMicroelectronics SABRE-LL-I Datasheet HTML 134Page - STMicroelectronics SABRE-LL-I Datasheet HTML 135Page - STMicroelectronics SABRE-LL-I Datasheet HTML 136Page - STMicroelectronics SABRE-LL-I Datasheet HTML 137Page - STMicroelectronics SABRE-LL-I Datasheet HTML 138Page - STMicroelectronics SABRE-LL-I Datasheet HTML 139Page - STMicroelectronics SABRE-LL-I Datasheet HTML 140Page - STMicroelectronics SABRE-LL-I Datasheet HTML 141Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 137 / 141 page
background image
SABRE-LL-I
Pin list
137/141
32
N.C.
Not connected
33
DC4_SENSE Bridge 4 sense output(4)
Output
34
nAWAKE
Device wake up
CMOS input
35
GPIO12
General purpose I/O
Analog In/Out - CMOS bi-dir
36
GPIO13
General purpose I/O
Analog In/Out - CMOS bi-dir
37
GPIO14
General purpose I/O
Analog In/Out - CMOS bi-dir
38
N.C.
Not connected
39
DC4_MINUS Bridge 4 phase “minus” output
Output
40
DC4_SENSE Bridge 4 sense output(4)
Output
41
DC3_SENSE Bridge 3 sense output(4)
Output
42
DC3_MINUS Bridge 3 phase “minus” output
Output
43
N.C.
Not connected
44
GPIO11
General purpose I/O
Analog In/Out - CMOS bi-dir
45
GPIO10
General purpose I/O
Analog In/Out - CMOS bi-dir
46
GPIO9
General purpose I/O
Analog In/Out - CMOS bi-dir
47
GPIO5
General purpose I/O
Analog In/Out - CMOS bi-dir
48
DC3_SENSE Bridge 3 sense output(4)
Output
49
N.C.
Not connected
50
DC3_PLUS
Bridge 3 phase “plus” output
Output
51
VSupply
Main voltage supply
Power input
52
nRESET
Open drain system reset pin
CMOS Input/output
53
V3v3
Internal 3.3 volt regulator
Power Input/output
54
VSupplyInt
Internal voltage supply
Power Input
55
GPIO7
General purpose I/O
Analog In/Out - CMOS bi-dir
56
VGPIO_SPI
Low voltage pins power supply
Power input
57
GPIO6
General purpose I/O
Analog In/Out - CMOS bi-dir
58
VSWDRV_SW Switching regulator controller source input
Power input
59
VSWDRV_GAT
E
Switching driver gate drive pin
Analog output
60
VPump
Charge pump voltage
Power Input/output
61
CPH
Charge pump high switch pin
Power Input/output
62
CPL
Charge pump low switch pin
Power Input/output
63
VSupply
Main voltage supply
Power input
64
DC1_plus
Bridge 1 phase “plus” output
Output
E_Pad
GND_PAD
(1)(2)(3)
Table 101.
Pins configuration (continued)
Pin #
Pin name
Description
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com