Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 121 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 121 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 117Page - ATMEL Corporation AT89LP428 Datasheet HTML 118Page - ATMEL Corporation AT89LP428 Datasheet HTML 119Page - ATMEL Corporation AT89LP428 Datasheet HTML 120Page - ATMEL Corporation AT89LP428 Datasheet HTML 121Page - ATMEL Corporation AT89LP428 Datasheet HTML 122Page - ATMEL Corporation AT89LP428 Datasheet HTML 123Page - ATMEL Corporation AT89LP428 Datasheet HTML 124Page - ATMEL Corporation AT89LP428 Datasheet HTML 125Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 149 page
background image
121
3654A–MICRO–8/09
AT89LP428/828
23.7
User Configuration Fuses
The AT89LP428/828 includes 11 user fuses for configuration of the device. Each fuse is
accessed at a separate address in the User Fuse Row as listed in Table 23-6. Fuses are cleared
by programming 00H to their locations. Programming FFH to a fuse location will cause that fuse
to maintain its previous state. To set a fuse (set to FFH), the fuse row must be erased and
then reprogrammed using the Fuse Write with Auto-erase command. The default state for all
fuses is FFH.
Notes:
1. The default state for all fuses is FFH.
2. Changes to these fuses will only take effect after a device POR.
3. Changes to these fuses will only take effect after the ISP session terminates by bringing RST high.
Table 23-6.
User Configuration Fuse Definitions
Address
Fuse Name
Description
00 - 01H
Clock Source – CS [0:1](2)
Selects source for the system clock:
CS1CS0
Selected Source
00H
00H
High Speed Crystal Oscillator (XTAL)
00H
FFH
Low Speed Crystal Oscillator (XTAL)
FFH
00H
External Clock on XTAL1 (XCLK)
FFH
FFH
Internal RC Oscillator (IRC)
02 - 03H
Start-up Time – SUT [0:1]
Selects time-out delay for the POR/BOD/PWD wake-up period:
SUT1
SUT0
Selected Time-out
00H
00H
1 ms (XTAL); 16 µs (XCLK/IRC)
00H
FFH
2 ms (XTAL); 512 µs (XCLK/IRC)
FFH
00H
4 ms (XTAL); 1 ms (XCLK/IRC)
FFH
FFH
16 ms (XTAL); 4 ms (XCLK/IRC)
04H
Reset Pin Enable(3)
FFH: RST pin functions as reset
00H: RST pin functions as general-purpose I/O
05H
Brown-out Detector Enable
FFH: Brown-out Detector Enabled
00H: Brown-out Detector Disabled
06H
On-chip Debug Enable
FFH: On-chip Debug Disabled
00H: On-chip Debug Enabled
07H
ISP Enable(3)
FFH: In-System Programming Enabled
00H: In-System Programming Disabled (Enabled at POR only)
08H
User Signature Programming
FFH: Programming of User Signature Disabled
00H: Programming of User Signature Enabled
09H
Tristate Ports
FFH: I/O Ports start in input-only mode (tristated) after reset
00H: I/O Ports start in quasi-bidirectional mode after reset
0AH
OCD Interface Select
FFH: Fast Two-wire Interface
00H: Do not use
0BH
In-Application Programming
FFH: In-Application Programming Disabled
00H: In-Application Programming Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com