Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 122 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 122 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 118Page - ATMEL Corporation AT89LP428 Datasheet HTML 119Page - ATMEL Corporation AT89LP428 Datasheet HTML 120Page - ATMEL Corporation AT89LP428 Datasheet HTML 121Page - ATMEL Corporation AT89LP428 Datasheet HTML 122Page - ATMEL Corporation AT89LP428 Datasheet HTML 123Page - ATMEL Corporation AT89LP428 Datasheet HTML 124Page - ATMEL Corporation AT89LP428 Datasheet HTML 125Page - ATMEL Corporation AT89LP428 Datasheet HTML 126Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 149 page
background image
122
3654A–MICRO–8/09
AT89LP428/828
23.8
User Signature and Analog Configuration
The User Signature Array contains 128 bytes of nonvolatile memory in two 64-byte pages. The
first page of the User Signature Array (0000H - 003FH) is available for serial numbers, firmware
revision information, date codes or other user parameters. The User Signature Array may only
be written by an external device when the User Signature Programming Fuse is enabled. When
the fuse is enabled, Chip Erase will also erase the first page of the array. When the fuse is dis-
abled, the array is not affected by write or erase commands. Programming of the Signature
Array can also be disabled by the Lock Bits. However, reading the signature is always allowed
and the array should not be used to store security sensitive information. The User Signature
Array may be modified during execution through the In-Application Programming interface,
regardless of the state of the User Signature Programming fuse or Lock Bits, provided that the
IAP Fuse is enabled. Note that the address of the User Signature Array, as seen by
the IAP interface, equals the User Signature address plus 128 (0080H - 00FFH instead of
0000H - 007FH).
The second page of the User Signature Array (0040H - 007FH) contains analog configuration
parameters for the AT89LP428/828. Each byte represents a parameter as listed in Table 23-
7 and is preset in the factory. The parameters are read at POR and the device is configured
accordingly. The second page of the array is not affected by Chip Erase. Other bytes in this
page may be used as additional signature space; however, care should be taken to preserve the
parameter values when modifying other bytes.
23.9
Programming Interface Timing
This section details general system timing sequences and constraints for entering or exiting In-
System Programming as well as parameters related to the Serial Peripheral Interface during
ISP. The general timing parameters for the following waveform figures are listed in section “Tim-
ing Parameters” on page 126.
23.9.1
Power-up Sequence
Execute this sequence to enter programming mode immediately after power-up. In the RST pin
is disabled or if the ISP Fuse is disabled, this is the only method to enter programming (see
“External Reset” on page 26).
1.
Apply power between VCC and GND pins. RST should remain low.
2.
Wait at least t
PWRUP. and drive SS high.
3.
Wait at least t
SUT for the internal Power-on Reset to complete. The value of tSUT will
depend on the current settings of the device.
4.
Start programming session.
Table 23-7.
Analog Configuration Definitions
Address
Parameter Name
Description
0040H
RC Oscillator Calibration Byte
The RC Calibration Byte controls the frequency of
the internal RC oscillator. The frequency is inversely
proportional to the calibration value such that higher
values result in lower frequencies. A copy of the
factory-set calibration value is stored at location
0008H of the Atmel Signature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com