Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 134 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 134 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 130Page - ATMEL Corporation AT89LP428 Datasheet HTML 131Page - ATMEL Corporation AT89LP428 Datasheet HTML 132Page - ATMEL Corporation AT89LP428 Datasheet HTML 133Page - ATMEL Corporation AT89LP428 Datasheet HTML 134Page - ATMEL Corporation AT89LP428 Datasheet HTML 135Page - ATMEL Corporation AT89LP428 Datasheet HTML 136Page - ATMEL Corporation AT89LP428 Datasheet HTML 137Page - ATMEL Corporation AT89LP428 Datasheet HTML 138Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 149 page
background image
134
3654A–MICRO–8/09
AT89LP428/828
Figure 24-10. SPI Master Timing (CPHA = 0)
Figure 24-11. SPI Slave Timing (CPHA = 0)
Figure 24-12. SPI Master Timing (CPHA = 1)
SS
SCK
(CPOL = 0)
SCK
(CPOL = 1)
MISO
MOSI
tSR
tSCK
tSLSH
tSLSH
tSHSL
tSHSL
tSOH
tSF
tSIS
tSIH
tSOV
tSR
tSSE
tSLSH
tSHSL
tSOV
tSF
tSOX
tSSD
tSCK
tSLSH
tSHSL
tSOE
tSOH
tSIH
tSIS
SS
SCK
(CPOL = 0)
SCK
(CPOL= 1)
MISO
MOSI
t
SHSL
t
SLSH
t
SHSL
t
SLSH
t
SCK
t
SOH
t
SF
t
SR
t
SIS
t
SOV
t
SIH
SS
SCK
(CPOL = 0)
SCK
(CPOL = 1)
MISO
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com