Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 135 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 135 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 131Page - ATMEL Corporation AT89LP428 Datasheet HTML 132Page - ATMEL Corporation AT89LP428 Datasheet HTML 133Page - ATMEL Corporation AT89LP428 Datasheet HTML 134Page - ATMEL Corporation AT89LP428 Datasheet HTML 135Page - ATMEL Corporation AT89LP428 Datasheet HTML 136Page - ATMEL Corporation AT89LP428 Datasheet HTML 137Page - ATMEL Corporation AT89LP428 Datasheet HTML 138Page - ATMEL Corporation AT89LP428 Datasheet HTML 139Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 149 page
background image
135
3654A–MICRO–8/09
AT89LP428/828
Figure 24-13. SPI Slave Timing (CPHA = 1)
24.7
Dual Analog Comparator Characteristics
The values shown in this table are valid for T
A = -40°C to 85°C and VCC = 2.4 to 5.5V, unless otherwise noted.
Figure 24-14. Analog Reference Voltage Typical Characteristics
Table 24-6.
Dual Analog Comparator Characteristics
Symbol
Parameter
Condition
Min
Max
Units
VCM
Common Mode Input Voltage
GND
VDD
V
V
OS
Input Offset Voltage
V
CC = 5.5V
20
mV
V
AREF
Analog Reference Voltage
1.2
1.3
V
VΔREF
Reference Delta Voltage
70
170
mV
t
CMP
Comparator Propagation DelayV
IN+ – VIN- = 20 mV; VCC = 2.4V
200
ns
tAREF
Reference Settling Time
3
µs
SS
SCK
(CPOL = 0)
SCK
(CPOL = 1)
MISO
MOSI
t
SCK
t
SSE
t
SHSL
t
SHSL
t
SLSH
t
SLSH
t
SSD
t
SIH
t
SIS
t
SOE
t
SOV
t
SOH
t
SOX
t
SF
t
SR
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.0
1.1
1.2
1.3
1.4
1.5
Vref+ (85C)
Vref+ (25C)
Vref+ (-40C)
Vref (85C)
Vref (25C)
Vref (-40C)
Vref- (-40C)
Vref- (25C)
Vref- (85C)
Vcc (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com