Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 183 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 183 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 179Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 180Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 181Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 182Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 183Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 184Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 185Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 186Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 187Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 452 page
background image
Glossary
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
183
Operation:
(D)
÷ (X) ⇒ X; Remainder ⇒ D
Description:
Divides an unsigned 16-bit numerator in double accumulator D by an
unsigned 16-bit denominator in index register X, producing an unsigned
16-bit quotient in X and an unsigned 16-bit remainder in D. If both the
numerator and the denominator are assumed to have radix points in the
same positions, the radix point of the quotient is to the left of bit 15. The
numerator must be less than the denominator. In the case of overflow
(denominator is less than or equal to the numerator) or division by zero, the
quotient is set to $FFFF, and the remainder is indeterminate.
FDIV is equivalent to multiplying the numerator by 216 and then performing
32 by 16-bit integer division. The result is interpreted as a binary-weighted
fraction, which resulted from the division of a 16-bit integer by a larger 16-bit
integer. A result of $0001 corresponds to 0.000015, and $FFFF
corresponds to 0.9998. The remainder of an IDIV instruction can be
resolved into a binary-weighted fraction by an FDIV instruction. The
remainder of an FDIV instruction can be resolved into the next 16 bits of
binary-weighted fraction by another FDIV instruction.
FDIV
Fractional Divide
FDIV
CCR Details:
S
X
HIN
Z
V
C
–––––
∆∆∆
Z: Set if quotient is $0000; cleared otherwise
V: 1 if X
≤ D
Set if the denominator was less than or equal to the numerator;
cleared otherwise
C: X15
• X14 • X13 • X12 •... • X3 • X2 • X1 • X0
Set if denominator was $0000; cleared otherwise
Source Form
Address
Mode
Object Code
Access Detail
HCS12
M68HC12
FDIV
INH
18 11
OffffffffffO
OffffffffffO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com