Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 184 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 184 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 180Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 181Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 182Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 183Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 184Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 185Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 186Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 187Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 188Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 452 page
background image
Instruction Glossary
S12CPUV2 Reference Manual, Rev. 4.0
184
Freescale Semiconductor
Operation:
(Counter) + 1
⇒ Counter
If (Counter) = 0, then (PC) + $0003 + Rel
⇒ PC
Description:
Add one to the specified counter register A, B, D, X, Y, or SP. If the counter
register has reached zero, branch to the specified relative destination. The
IBEQ instruction is encoded into three bytes of machine code including a
9-bit relative offset (–256 to +255 locations from the start of the next
instruction).
DBEQ and TBEQ instructions are similar to IBEQ except that the counter is
decremented or tested rather than being incremented. Bits 7 and 6 of the
instruction postbyte are used to determine which operation is to be
performed.
IBEQ
Increment and Branch if Equal to Zero
IBEQ
CCR Details:
S
X
HIN
Z
V
C
––––––––
Source Form
Address
Mode
Object Code(1)
1. Encoding for lb is summarized in the following table. Bit 3 is not used (don’t care), bit 5 selects branch on zero (IBEQ –
0) or not zero (IBNE – 1) versions, and bit 0 is the sign bit of the 9-bit relative offset. Bits 7 and 6 should be 1:0 for IBEQ.
Access Detail
HCS12
M68HC12
IBEQ abdxys, rel9
REL
04 lb rr
PPP/PPO
PPP
Count
Register
Bits 2:0
Source Form
Object Code
(If Offset is Positive)
Object Code
(If Offset is Negative)
A
B
000
001
IBEQ A, rel9
IBEQ B, rel9
04 80 rr
04 81 rr
04 90 rr
04 91 rr
D
X
Y
SP
100
101
110
111
IBEQ D, rel9
IBEQ X, rel9
IBEQ Y, rel9
IBEQ SP, rel9
04 84 rr
04 85 rr
04 86 rr
04 87 rr
04 94 rr
04 95 rr
04 96 rr
04 97 rr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com