Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 186 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 186 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 182Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 183Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 184Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 185Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 186Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 187Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 188Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 189Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 190Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 452 page
background image
Instruction Glossary
S12CPUV2 Reference Manual, Rev. 4.0
186
Freescale Semiconductor
Operation:
(D)
÷ (X) ⇒ X; Remainder ⇒ D
Description:
Divides an unsigned 16-bit dividend in double accumulator D by an
unsigned 16-bit divisor in index register X, producing an unsigned 16-bit
quotient in X, and an unsigned 16-bit remainder in D. If both the divisor and
the dividend are assumed to have radix points in the same positions, the
radix point of the quotient is to the right of bit 0. In the case of division by
zero, C is set, the quotient is set to $FFFF, and the remainder is
indeterminate.
IDIV
Integer Divide
IDIV
CCR Details:
S
X
HIN
Z
V
C
–––––
∆
0
∆
Z: Set if quotient is $0000; cleared otherwise
V: 0; cleared
C: X15
• X14 • X13 • X12 •... • X3 • X2 • X1 • X0
Set if denominator was $0000; cleared otherwise
Source Form
Address
Mode
Object Code
Access Detail
HCS12
M68HC12
IDIV
INH
18 10
OffffffffffO
OffffffffffO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com