Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 185 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 185 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 181Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 182Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 183Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 184Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 185Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 186Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 187Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 188Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 189Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 452 page
background image
Glossary
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
185
Operation:
(Counter) + 1
⇒ Counter
If (Counter) not = 0, then (PC) + $0003 + Rel
⇒ PC
Description:
Add one to the specified counter register A, B, D, X, Y, or SP. If the counter
register has not been incremented to zero, branch to the specified relative
destination. The IBNE instruction is encoded into three bytes of machine
code including a 9-bit relative offset (–256 to +255 locations from the start
of the next instruction).
DBNE and TBNE instructions are similar to IBNE except that the counter is
decremented or tested rather than being incremented. Bits 7 and 6 of the
instruction postbyte are used to determine which operation is to be
performed.
IBNE
Increment and Branch if Not Equal to Zero
IBNE
CCR Details:
S
X
HIN
Z
V
C
––––––––
Source Form
Address
Mode
Object Code(1)
1. Encoding for lb is summarized in the following table. Bit 3 is not used (don’t care), bit 5 selects branch on zero (IBEQ –
0) or not zero (IBNE – 1) versions, and bit 0 is the sign bit of the 9-bit relative offset. Bits 7 and 6 should be 1:0 for IBNE.
Access Detail
HCS12
M68HC12
IBNE abdxys, rel9
REL
04 lb rr
PPP/PPO
PPP
Count
Register
Bits 2:0
Source Form
Object Code
(If Offset is Positive)
Object Code
(If Offset is Negative)
A
B
000
001
IBNE A, rel9
IBNE B, rel9
04 A0 rr
04 A1 rr
04 B0 rr
04 B1 rr
D
X
Y
SP
100
101
110
111
IBNE D, rel9
IBNE X, rel9
IBNE Y, rel9
IBNE SP, rel9
04 A4 rr
04 A5 rr
04 A6 rr
04 A7 rr
04 B4 rr
04 B5 rr
04 B6 rr
04 B7 rr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com