Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 187 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 187 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 183Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 184Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 185Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 186Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 187Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 188Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 189Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 190Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 191Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 452 page
background image
Glossary
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
187
Operation:
(D)
÷ (X) ⇒ X; Remainder ⇒ D
Description:
Performs signed integer division of a signed 16-bit numerator in double
accumulator D by a signed 16-bit denominator in index register X, producing
a signed 16-bit quotient in X, and a signed 16-bit remainder in D. If division
by zero is attempted, the values in D and X are not changed, C is set, and
the values of the N, Z, and V status bits are undefined.
Other than division by zero, which is not legal and causes the C status bit to
be set, the only overflow case is:
But the highest positive value that can be represented in a 16-bit two’s
complement number is 32,767 ($7FFF).
IDIVS
Integer Divide (Signed)
IDIVS
$8000
$FFFF
------------------
–32,768
–1
---------------------
+32,768
==
CCR Details:
S
X
HIN
Z
V
C
––––
∆∆∆∆
N: Set if MSB of result is set; cleared otherwise
Undefined after overflow or division by zero
Z: Set if quotient is $0000; cleared otherwise
Undefined after overflow or division by zero
V: Set if the result was > $7FFF or < $8000; cleared otherwise
Undefined after division by zero
C: X15
• X14 • X13 • X12 •... • X3 • X2 • X1 • X0
Set if denominator was $0000; cleared otherwise
Source Form
Address
Mode
Object Code
Access Detail
HCS12
M68HC12
IDIVS
INH
18 15
OffffffffffO
OffffffffffO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com