Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 101 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 97Page - STMicroelectronics STA321 Datasheet HTML 98Page - STMicroelectronics STA321 Datasheet HTML 99Page - STMicroelectronics STA321 Datasheet HTML 100Page - STMicroelectronics STA321 Datasheet HTML 101Page - STMicroelectronics STA321 Datasheet HTML 102Page - STMicroelectronics STA321 Datasheet HTML 103Page - STMicroelectronics STA321 Datasheet HTML 104Page - STMicroelectronics STA321 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 157 page
background image
STA321
Register description
Doc ID 15351 Rev 3
101/157
SRC1STATE
Address:
0x30
Type:
RO
Reset:
0x8F
Description:
Values of fS based on the 96 kHz as output frequency
SRC2STATE
Address:
0x31
Type:
RO
Reset:
0x8F
Description:
765
432
10
SRC1_BYP[1:0]
SRC_1_LOCK
SRC1_FISFO[4:0]
[7:6] SRC1_BYP[1:0]
00: input signal has fS < 78 kHz
10: input signal has fS > 81 kHz
[5] SRC_1_LOCK
0: SRC target frequency not reached
1: SRC1 target frequency reached
[4:0] SRC1_FISFO[4:0]
MSB Fs_input / Fs_output
765
432
10
SRC1_BYP[1:0]
SRC_1_LOCK
SRC1_FISFO[4:0]
[7:6] SRC2_BYP[1:0]
00: Input Signal has fS < 78 kHz
10: Input Signal has fS > 81 kHz
[5] SRC_2_LOCK
0: SRC target frequency not reached
1: SRC1 target frequency reached
[4:0] SRC2_FISFO[4:0]
MSB Fs_input / Fs_output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com