Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 112 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 108Page - STMicroelectronics STA321 Datasheet HTML 109Page - STMicroelectronics STA321 Datasheet HTML 110Page - STMicroelectronics STA321 Datasheet HTML 111Page - STMicroelectronics STA321 Datasheet HTML 112Page - STMicroelectronics STA321 Datasheet HTML 113Page - STMicroelectronics STA321 Datasheet HTML 114Page - STMicroelectronics STA321 Datasheet HTML 115Page - STMicroelectronics STA321 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 157 page
background image
Register description
STA321
112/157
Doc ID 15351 Rev 3
BASS_SEL1_R
Address:
0x79
Type:
RW
Reset:
0x00
Description:
BASS_SEL2_R
Address:
0x7A
Type:
RW
Reset:
0x00
Description:
76
54
32
10
Reserved
BASS_EN1
BASS_SEL1
[7:6] Reserved
[5] BASS_EN1
0: Bass EQ of channel 1 is not active
1: Bass EQ of channel 1 is active
[4:0] BASS_SEL1
Select the gain of the bass filter from -12 dB (00000) to +12 dB using Table 35 below
76
54
32
10
Reserved
BASS_EN2
BASS_SEL2
[7:6] Reserved
[5] BASS_EN2
0: Bass EQ of channel 2 is not active
1: Bass EQ of channel 2 is active
[4:0] BASS_SEL2
Select the gain of the bass filter from -12 dB (00000) to +12 dB using Table 35 below



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com