Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 119 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 115Page - STMicroelectronics STA321 Datasheet HTML 116Page - STMicroelectronics STA321 Datasheet HTML 117Page - STMicroelectronics STA321 Datasheet HTML 118Page - STMicroelectronics STA321 Datasheet HTML 119Page - STMicroelectronics STA321 Datasheet HTML 120Page - STMicroelectronics STA321 Datasheet HTML 121Page - STMicroelectronics STA321 Datasheet HTML 122Page - STMicroelectronics STA321 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 157 page
background image
STA321
Register description
Doc ID 15351 Rev 3
119/157
SATCH3CFG1
Address:
0x99
Type:
RW
Reset:
0x00
Description:
SATCH3CFG2
Address:
0x9A
Type:
RW
Reset:
0x00
Description:
SATCH3CFG3
Address:
0x9B
Type:
RW
Reset:
0x00
Description:
76
54
32
10
Reserved
SAT_CH3[22:16]
[7] Reserved
[6:0] SAT_CH3[22:16]
MSBs of the absolute saturation value for channel 3.
If the signal is above SAT_CH3[22:0] then it is truncated, see also register bit SATCH0CFG1[7]
76
54
32
10
SAT_CH3[15:8]
[7:0] SAT_CH3[15:8]
Middle bits of the saturation value for channel 3
If the signal is above SAT_CH3[22:0] then it is truncated, see also register bit SATCH0CFG1[7]
76
54
32
10
SAT_CH3[7:0]
[7:0] SAT_CH3[7:0]
LSBs of the saturation value for channel 3
If the signal is above SAT_CH3[22:0] then it is truncated, see also register bit SATCH0CFG1[7]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com