Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 128 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 124Page - STMicroelectronics STA321 Datasheet HTML 125Page - STMicroelectronics STA321 Datasheet HTML 126Page - STMicroelectronics STA321 Datasheet HTML 127Page - STMicroelectronics STA321 Datasheet HTML 128Page - STMicroelectronics STA321 Datasheet HTML 129Page - STMicroelectronics STA321 Datasheet HTML 130Page - STMicroelectronics STA321 Datasheet HTML 131Page - STMicroelectronics STA321 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 157 page
background image
Register description
STA321
128/157
Doc ID 15351 Rev 3
AUIFSHARE
Address:
0xB6
Type:
RW
Reset:
0x00
Description:
SRCINSEL
Address:
0xB7
Type:
RW
Reset:
0x28
Description:
76
54
32
10
Reserved
SHARE_BILR
[7:2] Reserved
[1:0] SHARE_BILR
00: no clock sharing
01: SAI_in1, SAI_in2 share the clocks: BICLKI1 and LRCLKI1 (others are not used)
SAI1: can be master/slave (see config)
SAI2: always slave
10: SAI_in1, SAI_in2, SAI_out share the clocks: BICLKI1 and LRCLKI1 (others arenot used)
SAI_out: can be master/slave (see config)
SAI1 and SAI2: always slave
11: no clock sharing
76
54
32
10
SRC1_INSEL
SRC2_INSEL
MUTE_SRCU
Reserved
[7:6] SRC1_INSEL
Sample rate converter IN channels 0 and 1:
00: serial audio interface IN 1
01: ADC
1x: serial audio interface IN 2
[5:4] SRC2_INSEL
Sample rate converter IN channels 2 and 3:
00: serial audio interface IN 1
01: ADC
1x: serial audio interface IN 2
[3] MUTE_SRCU0:
1: The device will be put in mute if the SRC is not locked at the 96 kHz sample frequency
[2:0] Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com