Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 135 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 131Page - STMicroelectronics STA321 Datasheet HTML 132Page - STMicroelectronics STA321 Datasheet HTML 133Page - STMicroelectronics STA321 Datasheet HTML 134Page - STMicroelectronics STA321 Datasheet HTML 135Page - STMicroelectronics STA321 Datasheet HTML 136Page - STMicroelectronics STA321 Datasheet HTML 137Page - STMicroelectronics STA321 Datasheet HTML 138Page - STMicroelectronics STA321 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 157 page
background image
STA321
Register description
Doc ID 15351 Rev 3
135/157
MISC
Address:
0xC8
Type:
RW
Reset:
0x20
Description:
76
54
32
10
OSC_DIS
S2P_FS_RNG
ADC_FS_RNG
Reserved
CLK_CORE_ON
[7] OSC_DIS
0: normal behaviour
1: XT oscillator is disabled
[6:4] S2P_FS_RNG
Serial audio interface sampling frequency, fS, range:
000: 8 - 12 kHz (very low)
001: 16 - 24 kHz (low)
010: 32 - 48 kHz (normal)
011: 64 - 96 kHz (high)
100: 128 - 192 kHz (very high)
[3:2] ADC_FS_RNG
ADC sampling frequency, fS, range:
00: 32 - 48 kHz (normal)
01: 16 - 24 kHz (low)
1x: 8 - 12 kHz (very low)
[1] Reserved
[0] CLK_CORE_ON
0: core clock disabled
1: core clock active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com