Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 20Page - Advanced Micro Devices AM79C976 Datasheet HTML 21Page - Advanced Micro Devices AM79C976 Datasheet HTML 22Page - Advanced Micro Devices AM79C976 Datasheet HTML 23Page - Advanced Micro Devices AM79C976 Datasheet HTML 24Page - Advanced Micro Devices AM79C976 Datasheet HTML 25Page - Advanced Micro Devices AM79C976 Datasheet HTML 26Page - Advanced Micro Devices AM79C976 Datasheet HTML 27Page - Advanced Micro Devices AM79C976 Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 309 page
background image
24
Am79C976
8/01/00
P R E L I M INARY
PIN DESCRIPTIONS
PCI Interface
AD[31:0]
Address and Data
Input/Output
Address and data are multiplexed on the same bus in-
terface pins. During the first clock of a transaction,
AD[31:0] contain a physical address (32 bits). During
the subsequent clocks, AD[31:0] contain data. Byte or-
dering is Little Endian by default. AD[7:0] are defined
as the least significant byte (LSB) and AD[31:24] are
defined as the most significant byte (MSB). For FIFO
data transfers, the Am79C976 controller can be pro-
grammed for Big Endian byte ordering. See Control 0
Register, bit 24 (BSWP) for more details.
During the address phase of the transaction, when the
Am79C976 controller is a bus master, AD[31:2] will
address the active Double Word (DWord). The
Am79C976 controller always drives AD[1:0] to “00” dur-
ing the address phase indicating linear burst order.
When the Am79C976 controller is not a bus master, the
AD[31:0] lines are continuously monitored to determine
if an address match exists for slave transfers.
During the data phase of the transaction, AD[31:0] are
driven by the Am79C976 controller when performing
bus master write and slave read operations. Data on
AD[31:0] is latched by the Am79C976 controller when
performing bus master read and slave write operations.
The Am79C976 device supports Dual Address Cycles
(DAC) for systems with 64-bit addressing. As a bus
master the Am79C976 device will generate addresses
of up to 40 bits in length. If the value of the C/BE[3:0]
bus during the PCI address phase is 1101b, the ad-
dress phase is extended to two clock cycles. The low
order address bits appear on the AD[31:0] bus during
the first clock cycle, and the high order bits appear dur-
ing the second clock cycle. In dual address cycles the
PCI bus command (memory read, I/O write, etc.) ap-
pears on the C/BE pins during the second clock cycle.
C/BE[3:0]
Bus Command and Byte Enables
Input/Output
Bus command and byte enables are multiplexed on the
same bus interface pins. During the address phase of
the transaction, C/BE[3:0] define the bus command.
During the data phase, C/BE[3:0] are used as byte en-
ables. The byte enables define which physical byte
lanes carry meaningful data. C/BE0 applies to byte 0
(AD[7:0]) and C/BE3 applies to byte 3 (AD[31:24]). The
function of the byte enables is independent of the byte
ordering mode (BSWP, CSR3, bit 2).
CLK
Clock
Input
This clock is used to drive the system bus interface. All
bus signals are sampled on the rising edge of CLK and
all parameters are defined with respect to this edge.
The Am79C976 controller normally operates over a fre-
quency range of 15 MHz to 33 MHz on the PCI bus due
to networking demands. The Am79C976 controller will
support a clock frequency of 0 MHz after certain pre-
cautions are taken to ensure data integrity. This clock
or a derivation is not used to drive any network func-
tions.
DEVSEL
Device Select
Input/Output
The Am79C976 controller drives DEVSEL when it de-
tects a transaction that selects the device as a target.
The device samples DEVSEL to detect if a target
claims a transaction that the Am79C976 controller has
initiated.
FRAME
Cycle Frame
Input/Output
FRAME is driven by the Am79C976 controller when it
is the bus master to indicate the beginning and duration
of a transaction. FRAME is asserted to indicate a bus
transaction is beginning. FRAME is asserted while
data transfers continue. FRAME is deasserted before
the final data phase of a transaction. When the
Am79C976 controller is in slave mode, it samples
FRAME to determine the address phase of a transac-
tion.
GNT
Bus Grant
Input
This signal indicates that the access to the bus has
been granted to the Am79C976 controller.
The Am79C976 controller supports bus parking. When
the PCI bus is idle and the system arbiter asserts GNT
without an active REQ from the Am79C976 controller,
the device will drive the AD[31:0], C/BE[3:0], and PAR
lines.
IDSEL
Initialization Device Select
Input
This signal is used as a chip select for the Am79C976
controller during configuration read and write transac-
tions.
INTA
Interrupt Request
Output
An attention signal which indicates that one or more
enabled interrupt flag bits are set. See the descriptions
of the INT and INTEN registers for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com