Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 37Page - Advanced Micro Devices AM79C976 Datasheet HTML 38Page - Advanced Micro Devices AM79C976 Datasheet HTML 39Page - Advanced Micro Devices AM79C976 Datasheet HTML 40Page - Advanced Micro Devices AM79C976 Datasheet HTML 41Page - Advanced Micro Devices AM79C976 Datasheet HTML 42Page - Advanced Micro Devices AM79C976 Datasheet HTML 43Page - Advanced Micro Devices AM79C976 Datasheet HTML 44Page - Advanced Micro Devices AM79C976 Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 309 page
background image
8/01/00
Am79C976
41
P R E L I M INARY
Table 3. PCI Commands
)LJXUH  %XV$FTXLVLWLRQ
The Am79C976 controller typically performs more than
one non-burst read transaction within a single bus mas-
tership period. FRAME is dropped between consecu-
tive non-burst read cycles. REQ, however, stays
asserted until FRAME is asserted for the last transac-
tion. The Am79C976 controller supports zero wait-
state read cycles. It asserts IRDY immediately after the
address phase and at the same time starts sampling
DEVSEL. Figure 11 shows two non-burst read transac-
tions. The first transaction has zero wait states. In the
second transaction, the target extends the cycle by as-
serting TRDY one clock later.
%DVLF%XUVW5HDG 7UDQVIHU
The Am79C976 controller supports burst mode for all
bus master read operations. To allow burst transfers in
descriptor read operations, the Am79C976 controller
must be programmed to use SWSTYLE 3, 4, or 5
(BCR20, bits 7-0).
The BIU chooses which PCI command to use as fol-
lows:
s When reading one DWord, use Memory Read.
s When reading a block of more than one DWord that
does not cross a cache line, use Memory Read
Line.
s When reading a block that crosses a cache line
boundary, use Memory Read Multiple.
C[3:0]
Command
Use
0000
Interrupt Acknowledge
Not used
0001
Special Cycle
Not used
0010
I/O Read
Not used
0011
I/O Write
Not used
0100
Reserved
0101
Reserved
0110
Memory Read
Read of the initialization block and descriptor rings
Read of the transmit buffer in non-burst mode
0111
Memory Write
Write to the descriptor rings and to the receive buffer
1000
Reserved
1001
Reserved
1010
Configuration Read
Not used
1011
Configuration Write
Not used
1100
Memory Read Multiple
Read of descriptor or transmit buffer in burst mode
1101
Dual Address Cycle
Used when required
1110
Memory Read Line
Read of descriptor or transmit buffer in burst mode
1111
Memory Write Invalidate
Burst write of 1 or more complete cache lines to the receive buffer
22929B12
FRAME
CLK
AD
IRDY
C/BE
REQ
GNT
1
2345
CMD
ADDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com