Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 100 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 100 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 96Page - Advanced Micro Devices AM79C976 Datasheet HTML 97Page - Advanced Micro Devices AM79C976 Datasheet HTML 98Page - Advanced Micro Devices AM79C976 Datasheet HTML 99Page - Advanced Micro Devices AM79C976 Datasheet HTML 100Page - Advanced Micro Devices AM79C976 Datasheet HTML 101Page - Advanced Micro Devices AM79C976 Datasheet HTML 102Page - Advanced Micro Devices AM79C976 Datasheet HTML 103Page - Advanced Micro Devices AM79C976 Datasheet HTML 104Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 309 page
background image
100
Am79C976
8/01/00
P R E L I M INARY
s
3&, %XV 3RZHU 0DQDJHPHQW ,QWHUIDFH 6SHFLILFD
WLRQ 2Q1RZ ZDNHXS
s
5:8 KDUGZDUHFRQWUROOHG ZDNHXS
All three wake-up events and both control mechanisms
support wake-up from any power state including D3cold
(PCI bus power off and clock stopped). Figure 44
shows the relationship between these Wake-up events
and the various outputs used to signal to the external
hardware.
)LJXUH  2Q1RZ )XQFWLRQDO 'LDJUDP
2Q1RZ:DNH8S6HTXHQFH
The system software enables the PME pin by setting
the PME_EN bit in the PMCSR register (PCI configura-
tion registers, offset 48h, bit 8) to 1. When a Wake-up
event is detected, the Am79C976 device sets the
PME_STATUS bit in the PMCSR register (PCI configu-
ration registers, offset 48h, bit 15). Setting this bit
causes the PME signal to be asserted.
Assertion of the PME signal causes external hardware
to wake up the CPU. The system software then reads
the PMCSR register of every PCI device in the system
to determine which device asserted the PME signal.
When the software determines that the signal came
from the Am79C976 device, it writes to the device’s
PMCSR to put the device into power state D0. The soft-
ware then writes a 0 to the PME_STATUS bit to clear
the bit and turn off the PME signal, and it calls the de-
vice’s software driver to tell it that the device is now in
st ate D0. T h e sy st em s o ftwar e c an c lea r th e
PME_STATUS bit either before, after, or at the same
time that it puts the device back into the D0 state.
MPDETECT
MPPEN_EE
PG
MPEN_EE
MPINT
LED
WUMI
Magic Packet
Link Change
LCMODE_EE
Link Change
MPMAT
LCDET
D
R
Q
Q
SET
CLR
PMAT1
D
Q
Q
SET
CLR
D
Q
Q
SET
CLR
D
Q
Q
SET
CLR
PMAT
Pattern Match
Input
Pattern
PME_STATUS
PME Status
PME_EN
MPMAT
PME_EN_OVR
LCEVENT
PME
RWU
S
R
Q
Q
SET
CLR
POR
POR
H_RESET
POR
POR
Data from PCI Bus
MPPEN_SW
MPEN_SW
PMAT0
Pattern Match RAM (PMR)
PMAT_MODE
LCMODE_SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com