Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 27Page - Advanced Micro Devices AM79C976 Datasheet HTML 28Page - Advanced Micro Devices AM79C976 Datasheet HTML 29Page - Advanced Micro Devices AM79C976 Datasheet HTML 30Page - Advanced Micro Devices AM79C976 Datasheet HTML 31Page - Advanced Micro Devices AM79C976 Datasheet HTML 32Page - Advanced Micro Devices AM79C976 Datasheet HTML 33Page - Advanced Micro Devices AM79C976 Datasheet HTML 34Page - Advanced Micro Devices AM79C976 Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 309 page
background image
8/01/00
Am79C976
31
P R E L I M INARY
Note: The SFBD signal can be programmed to appear
on any of the LED pins.
RXFRTGD
Receive Frame Tag Data
Input
When the EADI is enabled (EADISEL, BCR2, bit 3) and
the Receive Frame Tagging is enabled (RXFRTG,
CSR7, bit 14), the RXFRTGD pin becomes a data input
pin for the Receive Frame Tag. See the Receive Frame
Tagging section for details.
Note: The RXFRTGD pin is multiplexed with the LED3
and EEDO pins.
RXFRTGE
Receive Frame Tag Enable
Input
When the EADI is enabled (EADISEL, BCR2, bit 3) and
the Receive Frame Tagging is enabled (RXFRTG,
CSR7, bit 14), the RXFRTGE pin becomes a data input
enable pin for the Receive Frame Tag. See the Receive
Frame Tagging section for details.
Note: The RXFRTGE pin is multiplexed with the LED2
pin.
IEEE 1149.1 (1990) Test Access Port
Interface
TCK
Test Clock
Input
TCK is the clock input for the boundary scan test mode
operation. It can operate at a frequency of up to 10
MHz. TCK has an internal pull-up resistor.
TDI
Test Data In
Input
TDI is the test data input path to the Am79C976 con-
troller. The pin has an internal pull-up resistor.
TDO
Test Data Out
Output
TDO is the test data output path from the Am79C976
controller. The pin is tri-stated when the JTAG port is in-
active.
TMS
Test Mode Select
Input
A serial input bit stream on the TMS pin is used to
define the specific boundary scan test to be executed.
The pin has an internal pull-up resistor.
Power Supply Pins
AVDD
Analog Power (1 Pin)
Power
This power supply pin is used for the internal oscillator
and phase-locked loop circuits. This pin must be
connected to a +3.3-V supply.
VSSB
I/O Buffer Ground (25 Pins)
Power
There are 25 ground pins that are used by the input/
output buffer drivers.
VDD
Digital and I/O Buffer Power (24 Pins)
Power
There are 24 power supply pins that are used by the in-
ternal digital circuitry and I/O buffers. All VDD pins must
be connected to a +3.3 V supply.
VSS
Digital Ground (8 Pins)
Power
There are eight ground pins that are used by the inter-
nal digital circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com