Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 30Page - Advanced Micro Devices AM79C976 Datasheet HTML 31Page - Advanced Micro Devices AM79C976 Datasheet HTML 32Page - Advanced Micro Devices AM79C976 Datasheet HTML 33Page - Advanced Micro Devices AM79C976 Datasheet HTML 34Page - Advanced Micro Devices AM79C976 Datasheet HTML 35Page - Advanced Micro Devices AM79C976 Datasheet HTML 36Page - Advanced Micro Devices AM79C976 Datasheet HTML 37Page - Advanced Micro Devices AM79C976 Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 309 page
background image
34
Am79C976
8/01/00
P R E L I M INARY
access is a memory cycle. DEVSEL is asserted two
clock cycles after the host has asserted FRAME. See
Figure 11 and Figure 22.
)LJXUH 6ODYH &RQILJXUDWLRQ5HDG
)LJXUH  6ODYH&RQILJXUDWLRQ:ULWH
For compatibility with older members of the PCnet family
of controllers, the 32 lowest addresses of the I/O or
memory space claimed by the Am79C976 device sup-
port indirect addressing of internal registers. The
Am79C976 controller does not support burst transfers
for access to these locations. When the host keeps
FRAME asserted for a second data phase in this ad-
dress range, the Am79C976 controller will disconnect
the transfer. However, the controller does support burst
accesses to locations at offsets 32 and above.
Because of the side effects of reading the Reset Reg-
ister at offset 14h or 18h (depending on the state of
DWIO (CMD2, bit 28)), locations at offsets less than
20h cannot be prefetched.
The Am79C976 controller supports fast back-to-back
transactions to different targets. This is indicated by the
Fast Back-To-Back Capable bit (PCI Status register, bit
7), which is hardwired to 1. The Am79C976 controller
is capable of detecting an I/O or a memory-mapped
I/O cycle even when its address phase immediately fol-
lows the data phase of a transaction to a different target,
without any idle state in-between. There will be no con-
tention on the DEVSEL, TRDY, and STOP signals, since
the Am79C976 controller asserts DEVSEL on the sec-
ond clock after FRAME is asserted (medium timing).
See Figure 33 and Figure 44.
6
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
STOP
IDSEL
1
23456
1010
PAR
PAR
PAR
BE
DATA
ADDR
7
22929B3
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
STOP
IDSEL
1
23456
1011
PAR
PAR
PAR
BE
DATA
ADDR
7
22929B4
The Am79C976 controller will not assert DEVSEL if it
detects an address match, but the PCI command is not
of the correct type. In memory mapped I/O mode, the
Am79C976 controller aliases all accesses to the I/O re-
sources of the command types Memory Read Multiple
and Memory Read Line to the basic Memory Read
command. All accesses of the type Memory Write and
Invalidate are aliased to the basic Memory Write com-
mand. Eight-bit, 16-bit, and 32-bit transactions are sup-
ported. The Am79C976 controller decodes all 32
address lines to determine which I/O resource is ac-
cessed.
The number of wait states added to slave transactions
varies. Typical values are shown in the table below:
Slave Transactions
Transaction Type
Read
Write
Memory-mapped
transactions
90
I/O-mapped transactions
9
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com