Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 24Page - Advanced Micro Devices AM79C976 Datasheet HTML 25Page - Advanced Micro Devices AM79C976 Datasheet HTML 26Page - Advanced Micro Devices AM79C976 Datasheet HTML 27Page - Advanced Micro Devices AM79C976 Datasheet HTML 28Page - Advanced Micro Devices AM79C976 Datasheet HTML 29Page - Advanced Micro Devices AM79C976 Datasheet HTML 30Page - Advanced Micro Devices AM79C976 Datasheet HTML 31Page - Advanced Micro Devices AM79C976 Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 309 page
background image
28
Am79C976
8/01/00
P R E L I M INARY
nected to the XCLK pin, and the XTAL1 and XTAL2 pins
should be connected to VSS.
XTAL1 and XTAL2 are not 5-volt tolerant pins.
XTAL2
Crystal
Output
If the CLKSEL0 and CLKSEL1 pins are both held low,
a 25 MHz crystal should be connected between the
XTAL1 pin and the XTAL2 pin. This crystal controls the
frequency of the internal clock generator circuit.
If either the CLKSEL0 or the CLKSEL1 pin or both are
held high, a 20-, 25-, or 331/
3-MHz clock source must be
connected to the XCLK pin, and the XTAL1 and XTAL2
pins should be connected to VSS.
XTAL1 and XTAL2 are not 5-volt tolerant pins.
PHY_RST
PHY Reset
Output
PHY_RST is an output pin that is used to reset the ex-
ternal PHY. This output eliminates the need for a
fan-out buffer for the PCI RST signal, provides polarity
for the specific PHY used, and prevents the resetting of
the PHY when the PG input is LOW. The output polarity
is determined by the PHY_RST_POL bit (CMD3, bit0),
which can be loaded from the EEPROM.
The length of time for which the PHY_RST pin is as-
serted depends on the number of registers that are
loaded from the EEPROM and the order in which the
r egi ster s a r e loaded. Immediately af ter t h e
PHY_RST_POL bit is loaded from the EEPROM, the
PHY_RST pin is asserted. When the last register has
been loaded from the EEPROM, the PHY_RST pin is
de as s e r t e d . Ea c h r e g i s t e r lo ad ed afte r th e
PHY_RST_POL bit is loaded adds about 240 µs to the
time that PHY_RST is asserted. If the PHY_RST pin is
used to reset an external PHY, the user should program
the EEPROM to make sure that PHY_RST is asserted
long enough to meet the requirements of the PHY. The
user can insert dummy writes to offset 28h to extend
the reset period.
FC
Flow Control
Input
The Flow Control input signal controls when MAC Con-
trol Pause Frames are sent or when half-duplex back
pressure is asserted.
EEPROM Interface
EECS
EEPROM Chip Select
Output
This pin is designed to directly interface to a serial EE-
PROM that uses the 93Cxx EEPROM interface proto-
col. EECS is connected to the EEPROM’s chip select
pin. It is controlled by either the Am79C976 controller
during command portions of a read of the entire EE-
PROM, or indirectly by the host system by writing to
BCR19, bit 2.
EEDI
EEPROM Data In
Output
This pin is designed to directly interface to a serial EE-
PROM that uses the 93Cxx EEPROM interface proto-
col. EEDI is connected to the EEPROM’s data input
pin. It is controlled by either the Am79C976 controller
during command portions of a read of the entire EE-
PROM, or indirectly by the host system by writing to
BCR19, bit 0.
Note: The EEDI pin is multiplexed with the LED0 pin.
EEDO
EEPROM Data Out
Input
This pin is designed to directly interface to a serial EE-
PROM that uses the 93Cxx EEPROM interface proto-
col. EEDO is connected to the EEPROM’s data output
pin. It is controlled by either the Am79C976 controller
during command portions of a read of the entire EE-
PROM, or indirectly by the host system by reading from
BCR19, bit 0.
Note: The EEDO pin is multiplexed with the LED3 and
RXFRTGD pins.
EESK
EEPROM Serial Clock
Output
This pin is designed to directly interface to a serial EE-
PROM that uses the 93Cxx EEPROM interface proto-
col. EESK is connected to the EEPROM’s clock pin. It
is controlled by either the Am79C976 controller directly
during a read of the entire EEPROM, or indirectly by
the host system by writing to BCR19, bit 1.
Note: The EESK pin is multiplexed with the LED1 pin.
External Memory Interface
ERA[19:0]/FLA[19:0]
External Memory Address [19:0]
Output
The ERA[19:0] pins provide addresses for both the ex-
ternal SSRAM and the external boot ROM device.
All ERA[19:0] pin outputs are forced to a constant level
to conserve power while no access on the External
Memory Bus is being performed.
FLA[23:20]
Boot ROM (Flash) Address [23:20]
Output
The FLA[23:20] pins provide the 4 most significant bits
of the address for the external boot ROM device.
All FLA[23:20] pin outputs are forced to a constant level
to conserve power while no access on the External
Memory Bus is being performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com