Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 51 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 51 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 47Page - Advanced Micro Devices AM79C976 Datasheet HTML 48Page - Advanced Micro Devices AM79C976 Datasheet HTML 49Page - Advanced Micro Devices AM79C976 Datasheet HTML 50Page - Advanced Micro Devices AM79C976 Datasheet HTML 51Page - Advanced Micro Devices AM79C976 Datasheet HTML 52Page - Advanced Micro Devices AM79C976 Datasheet HTML 53Page - Advanced Micro Devices AM79C976 Datasheet HTML 54Page - Advanced Micro Devices AM79C976 Datasheet HTML 55Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 309 page
background image
8/01/00
Am79C976
51
P R E L I M INARY
)LJXUH  0DVWHU $ERU
3DULW\ (UURU5HVSRQVH
During every data phase of a DMA read operation,
when the target indicates that the data is valid by as-
serting TRDY, the Am79C976 controller samples the
AD[31:0], C/BE[3:0] and the PAR lines for a data parity
error. When it detects a data parity error, the controller
sets PERR (PCI Status register, bit 15) to 1. When re-
porting of that error is enabled by setting PERREN
(PCI Command register, bit 6) to 1, the Am79C976
controller also drives the PERR signal low and sets
DATAPERR (PCI Status register, bit 8) to 1. The asser-
tion of PERR follows the corrupted data/byte enables
by two clock cycles and PAR by one clock cycle.
Figure 21 shows a transaction that has a parity error in
the data phase. The Am79C976 controller asserts
PERR on clock 8, two clock cycles after data is valid.
The data on clock 5 is not checked for parity, since on
a read access PAR is only required to be valid one
clock after the target has asser ted TRDY. The
Am79C976 controller then drives PERR high for one
clock cycle, since PERR is a sustained tri-state signal.
During every data phase of a DMA write operation, the
Am79C976 controller checks the PERR input to see if
the target reports a parity error. When it sees the PERR
input asserted, the controller sets PERR (PCI Status
register, bit 15) to 1. When PERREN (PCI Command
register, bit 6) is set to 1, the Am79C976 controller also
sets DATAPERR (PCI Status register, bit 8) to 1.
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
PAR
DEVSEL is sampled
ADDR
0111
PAR
1
234
5
6
78
9
DATA
PAR
REQ
GNT
0000
22929B22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com